Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 7 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 7 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 3Page - Feature Integration Technology Inc. F75373S Datasheet HTML 4Page - Feature Integration Technology Inc. F75373S Datasheet HTML 5Page - Feature Integration Technology Inc. F75373S Datasheet HTML 6Page - Feature Integration Technology Inc. F75373S Datasheet HTML 7Page - Feature Integration Technology Inc. F75373S Datasheet HTML 8Page - Feature Integration Technology Inc. F75373S Datasheet HTML 9Page - Feature Integration Technology Inc. F75373S Datasheet HTML 10Page - Feature Integration Technology Inc. F75373S Datasheet HTML 11Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
2
F75373
3 Pin Configuration
FAN_FAULT#/SMI#/GPIO2
VCC
FANIN1
VT1
VIN1
FANIN2/GPIO0
VT2
VIN3
VIN2
VREF
PWMOUT1/ADDR_TRAP
GND
SCLK
VOLT_FAULT#/OVT#GPIO3
SDATA
PWMOUT2/GPIO1
1
2
3
4
5
6
7
8
9
10
13
14
15
12
11
16
4 Pin Description
O8
- TTL level output pin with 8 mA source-sink capability
INts/OD12 - TTL level bi-directional pin, can select to O.D or OUT by register, with 12mA source-sink
capability
I/OD8
- TTL level bi-directional pin, Open-drain outpu with 8 mA sink capability
I/OD16
- TTL level bi-directional pin, Open-drain outpu with 16 mA sink capability
AOUT
- Output pin(Analog)
OD16
- Open-drain output pin with 16 mA sink capability
INt
- TTL level input pin
INts
- TTL level input pin and schmitt trigger
INtsd100k
- TTL level input pin and schmitt trigger with internal pull down 100K ohm
AIN
- Input pin(Analog)
P
- Power
Power Pin
Pin No.
Pin Name
Type
Description
16
VCC
P
3.3V power supply voltage input
9
GND
P
GND


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
   Fintek ACPI Controller IC Datasheet
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
   HARDWARE DATASHEET(External Architecture)
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
[Old version datasheet]   TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
   SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
   hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
   SST Compliant Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com