Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75111R Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F75111R
Description  Low Power GPIO Datasheet
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111R Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F75111R Datasheet HTML 5Page - Feature Integration Technology Inc. F75111R Datasheet HTML 6Page - Feature Integration Technology Inc. F75111R Datasheet HTML 7Page - Feature Integration Technology Inc. F75111R Datasheet HTML 8Page - Feature Integration Technology Inc. F75111R Datasheet HTML 9Page - Feature Integration Technology Inc. F75111R Datasheet HTML 10Page - Feature Integration Technology Inc. F75111R Datasheet HTML 11Page - Feature Integration Technology Inc. F75111R Datasheet HTML 12Page - Feature Integration Technology Inc. F75111R Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
July, 2007
V0.27P
- 7 -
F75111
2, 27~25
2, 22~24
GPIO30/33/32/
31
I/OD12ts
(5V Tolerance)
General purpose I/O pins.
GPIO13
I/O16ts
(5V Tolerance)
General purpose I/O pin.
3
3
I2C_ADDR
INtsd100k
The SMBus hardware power on setting pin. Default address
is 0x9C (when I2C_ADDR=0).
Another one is 0x6E (when
I2C_ADDR=1). This pin internal pull-down 100k to Ground. If
this pin is pull-up 10k to VSB3V, this pin will be trapped to 1.
GPIO10
I/OOD16ts
(5V Tolerance)
General purpose I/O pin.
LED
OD16
LED control output. The multi-function pin is selected by
register, so does the freq. programming
10
10
WDTOUT2#
OD16
The 2
nd Watch Dog Timer time out output
GPIO11
I/OOD16ts
(5V Tolerance)
General purpose I/O pin.
11
11
LED
OD16
LED control output. The multi-function pin is selected by
register, so does the freq. programming
GPIO12
I/OOD16ts
(5V Tolerance)
General purpose I/O pin.
LED
OD16
LED control output. The multi-function pin is selected by
register, so does the freq. programming
IRQ
OD16
IRQ and SMI# function
12
12
WDTOUT11#
OD16
The 1
st Watch Dog Timer time out output.
System reset signal when the Reset-Out timer is time out.
This pin will generate 100mS pulse (default) when the
Reset-Out timer is timeout.
15
-
WDTOUT10#
OD12
The 1
st Watch Dog Timer time out output.
System reset signal when the Reset-Out timer is time out.
This pin will generate 100mS pulse (default) when the
Reset-Out timer is timeout.
28
-
SEL
INtsd100k
Default pull down.
13
13
SDATA
I/OD12ts
SMBus data.
14
14
SCLK
INts
SMBus clock


Similar Part No. - F75111R

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F7511 ITF-F7511 Datasheet
167Kb / 7P
   SAW Bandpass Filter F7511
logo
Feature Integration Tec...
F75113 FINTEK-F75113 Datasheet
533Kb / 87P
   Low Power GPIO with LED Function
F75113U FINTEK-F75113U Datasheet
533Kb / 87P
   Low Power GPIO with LED Function
More results

Similar Description - F75111R

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75121 FINTEK-F75121 Datasheet
937Kb / 45P
   Dynamic VID Control 8 GPIO Datasheet
F75122R FINTEK-F75122R Datasheet
765Kb / 35P
   Dynamic VID Control 8 GPIO Datasheet
F75113 FINTEK-F75113 Datasheet
533Kb / 87P
   Low Power GPIO with LED Function
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
logo
List of Unclassifed Man...
F2M03ALA-S04 ETC2-F2M03ALA-S04 Datasheet
1Mb / 51P
   Low power Audio Bluetooth Module with antenna F2M03ALA Datasheet
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com