Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F72830SG Datasheet(PDF) 6 Page - Feature Integration Technology Inc.

Part # F72830SG
Description  Four-Phase Linear Controller with I2C Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F72830SG Datasheet(HTML) 6 Page - Feature Integration Technology Inc.

Back Button F72830SG Datasheet HTML 2Page - Feature Integration Technology Inc. F72830SG Datasheet HTML 3Page - Feature Integration Technology Inc. F72830SG Datasheet HTML 4Page - Feature Integration Technology Inc. F72830SG Datasheet HTML 5Page - Feature Integration Technology Inc. F72830SG Datasheet HTML 6Page - Feature Integration Technology Inc. F72830SG Datasheet HTML 7Page - Feature Integration Technology Inc. F72830SG Datasheet HTML 8Page - Feature Integration Technology Inc. F72830SG Datasheet HTML 9Page - Feature Integration Technology Inc. F72830SG Datasheet HTML 10Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Fintek
Feature Integration Technology Inc.
2007 V0.14P
5
F72830
Power Pins
PIN NO
PIN NAME
TYPE
DESCRIPTION
9
VSS
16
VDDA
P
Power pins
Control signal
PIN NO
PIN NAME
TYPE
PWR
DESCRIPTION
10
EN2
INts
VDD
Linear driver2 control signal input, input voltage > 1.5V, L
H
11
EN3
INts
VDD
Linear driver3 control signal input, input voltage > 1.5V, L
H
12
EN4
INts
VDD
Linear driver4 control signal input, input voltage > 1.5V, L
H
Switching Signal & Linear/PWM Controller
PIN NO
PIN NAME
TYPE
PWR
DESCRIPTION
1
LR1_SEN
AIN
VDD
Sense the voltage of linear regulator. LR1_SEN and LR1_DRV
act as a linear regulator. The linear controller 1 will act while
powering on the chip and finishing soft-start.
2
LR1_DRV
AOUT
VDDA
Connect this pin to the gate of a suitable N-channel MOSFET.
LR1_SEN and LR1_DRV act as a linear regulator. The linear
controller 1 will act while powering on the chip and finishing
soft-start.
3
LR2_DRV
AOUT
VDDA
Connect this pin to the gate of a suitable N-channel MOSFET.
LR2_SEN and LR2_DRV act as a linear regulator. The linear
controller 2 will act when the input of EN2 acts high. The linear
controller 2 will be off when the input of EN2 acts low.
4
LR2_SEN
AIN
VDD
Sense the voltage of linear regulator. LR2_SEN and LR2_DRV
act as a linear regulator. The linear controller 2 will act when the
input of EN2 acts high. The linear controller 2 will be off when the
input of EN2 acts low.
5
LR3_SEN
AIN
VDDA
Sense the voltage of linear regulator. LR3_SEN and LR3_DRV
act as a linear regulator. The linear controller 3 will act when the
input of EN3 acts high. The linear controller 3 will be off when the
input of EN3 acts low.


Similar Part No. - F72830SG

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
F72814SG FINTEK-F72814SG Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
F72815SG FINTEK-F72815SG Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
   Synchronous Buck PWM DC-DC Controller
More results

Similar Description - F72830SG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15569 MAXIM-MAX15569 Datasheet
1Mb / 41P
   2-Phase/1-Phase QuickTune-PWM Controller with Serial I2C Interface
Rev 0; 3/13
logo
Sanyo Semicon Device
STK6772 SANYO-STK6772 Datasheet
379Kb / 14P
   Four-Phase Stepping Motor Driver (with Built-in Four-Phase Distributed Controller)
logo
Semtech Corporation
SC493 SEMTECH-SC493 Datasheet
559Kb / 28P
   EcoSpeedTM Step-down Controller with I2C Interface
logo
NXP Semiconductors
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
   Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
logo
Intersil Corporation
ISL6322G INTERSIL-ISL6322G Datasheet
638Kb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping
logo
Renesas Technology Corp
ISL6322G RENESAS-ISL6322G Datasheet
1Mb / 39P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322 INTERSIL-ISL6322 Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com