Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F71805FG Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F71805FG
Description  Super H/W Monitor LPC IO
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805FG Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F71805FG Datasheet HTML 5Page - Feature Integration Technology Inc. F71805FG Datasheet HTML 6Page - Feature Integration Technology Inc. F71805FG Datasheet HTML 7Page - Feature Integration Technology Inc. F71805FG Datasheet HTML 8Page - Feature Integration Technology Inc. F71805FG Datasheet HTML 9Page - Feature Integration Technology Inc. F71805FG Datasheet HTML 10Page - Feature Integration Technology Inc. F71805FG Datasheet HTML 11Page - Feature Integration Technology Inc. F71805FG Datasheet HTML 12Page - Feature Integration Technology Inc. F71805FG Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
Dec., 2006
V0.25P
7
F71805
cycle.
41-38
LAD[3:0]
I/O12t
VCC
These signal lines communicate address, control, and data
information over the LPC bus between a host and a
peripheral.
42
PCICLK
INts
VCC
PCI clock input.
44
CLKIN
INts
VCC
System clock input. According to the input frequency 48MHz.
5.3
FDC
Pin No.
Pin Name
Type
PWR
Description
57
DENSEL#
OD24
VCC
Drive Density Select.
Set to 1 - High data rate.(500Kbps, 1Mbps)
Set to 0 – Low data rate. (250Kbps, 300Kbps)
58
MTRA#
OD24
VCC
Motor A On. When set to 0, this pin enables disk drive 0.
This is an open drain output.
60
DRVA#
OD24
VCC
Drive Select A. When set to 0, this pin enables disk drive A.
This is an open drain output.
62
WDATA#
OD24
VCC
Write
data.
This
logic
low
open
drain
writes
pre-compensation serial data to the selected FDD. An open
drain output.
63
DIR#
OD24
VCC
Direction of the head step motor. An open drain output.
Logic 1 = outward motion
Logic 0 = inward motion
64
STEP#
OD24
VCC
Step output pulses. This active low open drain output
produces a pulse to move the head to another track.
65
HDSEL#
OD24
VCC
Head select. This open drain output determines which disk
drive head is active.
Logic 1 = side 0
Logic 0 = side 1
66
WGATE#
OD24
VCC
Write enable. An open drain output.
68
RDATA#
INts5V
VCC
The read data input signal from the FDD.
69
TRK0#
INts5V
VCC
Track 0. This Schmitt-triggered input from the disk drive is
active low when the head is positioned over the outermost
track.
70
INDEX#
INts5V
VCC
This Schmitt-triggered input from the disk drive is active low
when the head is positioned over the beginning of a track
marked by an index hole.
71
WPT#
INts5V
VCC
Write protected. This active low Schmitt input from the disk
drive indicates that the diskette is write-protected.
72
DSKCHG#
INts5V
VCC
Diskette change. This signal is active low at power on and
whenever the diskette is removed.
5.4
UART Port and SIR
Pin No.
Pin Name
Type
PWR
Description
82
IRTX
O12
VCC
Infrared Transmitter Output.
83
IRRX
INts
VCC
Infrared Receiver input.
118
DCD1#
INt5V
VCC
Data Carrier Detect. An active low signal indicates the
modem or data set has detected a data carrier.
119
RI1#
INt5V
VCC
Ring Indicator. An active low signal indicates that a ring
signal is being received from the modem or data set.


Similar Part No. - F71805FG

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71806 FINTEK-F71806 Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
F71806F FINTEK-F71806F Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
F71806FG FINTEK-F71806FG Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
F71808A FINTEK-F71808A Datasheet
1Mb / 126P
   Smart LPC IO With CIR & Power Saving Function
F71808AU FINTEK-F71808AU Datasheet
1Mb / 126P
   Smart LPC IO With CIR & Power Saving Function
More results

Similar Description - F71805FG

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71872 FINTEK-F71872 Datasheet
2Mb / 115P
   Super H/W Monitor LPC IO
F71806 FINTEK-F71806 Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
logo
Nuvoton Technology Corp...
NCT7904D NUVOTON-NCT7904D Datasheet
1Mb / 140P
   H/W Monitor
logo
Feature Integration Tec...
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com