Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F71805 Datasheet(PDF) 10 Page - Feature Integration Technology Inc.

Part # F71805
Description  Super H/W Monitor LPC IO
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71805 Datasheet(HTML) 10 Page - Feature Integration Technology Inc.

Back Button F71805 Datasheet HTML 6Page - Feature Integration Technology Inc. F71805 Datasheet HTML 7Page - Feature Integration Technology Inc. F71805 Datasheet HTML 8Page - Feature Integration Technology Inc. F71805 Datasheet HTML 9Page - Feature Integration Technology Inc. F71805 Datasheet HTML 10Page - Feature Integration Technology Inc. F71805 Datasheet HTML 11Page - Feature Integration Technology Inc. F71805 Datasheet HTML 12Page - Feature Integration Technology Inc. F71805 Datasheet HTML 13Page - Feature Integration Technology Inc. F71805 Datasheet HTML 14Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Dec., 2006
V0.25P
8
F71805
120
CTS1#
INt5V
VCC
Clear To Send is the modem control input.
UART 1 Data Terminal Ready. An active low signal informs
the modem or data set that controller is ready to
communicate. (Internal 47k pulled high and disable after
power on strapping)
121
DTR1#/JP1
I/O8t-u47,5V VCC
Power on strapping: Default is high. Flash Rom Interface
Address Segment 1 Enable (FFFC0000h-FFFFFFFFh,
000E0000h-000FFFFFh).
(000E0000h-000EFFFFh Can be disabled by register change.)
UART 1 Request To Send. An active low signal informs the
modem or data set that the controller is ready to send
data.(Internal 47k pulled high and disable after power on
strapping)
122
RTS1#/JP2
I/O8t-u47,5V VCC
Power on strapping: Default is high. Flash Rom Interface
Address Segment 2 Enable (FFEE0000h-FFEFFFFFh).
123
DSR1#
INt5V
VCC
Data Set Ready. An active low signal indicates the modem
or data set is ready to establish a communication link and
transfer data to the UART.
UART 1 Serial Output. Used to transmit serial data out to
the communication link.( Internal 47k pulled high and disable
after power on strapping )
124
SOUT1/JP3
I/O8t-u47,5V VCC
Power on strapping: Default is high. Flash Rom Interface
Address Segment 3 Enable (FFF80000h-FFFBFFFFh).
125
SIN1
INt5V
VCC
Serial Input. Used to receive serial data through the
communication link.
126
DCD2#
INt5V
VCC
Data Carrier Detect. An active low signal indicates the
modem or data set has detected a data carrier.
127
RI2#
INt5V
VCC
Ring Indicator. An active low signal indicates that a ring
signal is being received from the modem or data set.
128
CTS2#
INt5V
VCC
Clear To Send is the modem control input.
UART 2 Data Terminal Ready. An active low signal informs
the modem or data set that controller is ready to
communicate.( Internal 47k pulled high and disable after
power on strapping )
1
DTR2#/JP4
I/O8t-u47,5V VCC
Power on strapping : 1 PWM Mode (Default)
0 Linear Mode
UART 2 Request To Send. An active low signal informs the
modem or data set that the controller is ready to send
data.(Internal 47k pulled high and disable after power on
strapping )
2
RTS2#/JP6
I/O8t-u47,5V VCC
Power on strapping : 1 XBUS Interface (Default)
0 Reserved.
3
DSR2#
INt5V
VCC
Data Set Ready. An active low signal indicates the modem
or data set is ready to establish a communication link and
transfer data to the UART.
UART 2 Serial Output. Used to transmit serial data out to
the communication link.(Internal 47k pulled high and disable
after power on strapping )
5
SOUT2/JP5
I/O8t-u47,5V VCC
Power on strapping : 1 C
onfiguration register:4E (Default)
0 C
onfiguration register:2E
6
SIN2
INt5V
VCC
Serial Input. Used to receive serial data through the
communication link.


Similar Part No. - F71805

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71806 FINTEK-F71806 Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
F71806F FINTEK-F71806F Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
F71806FG FINTEK-F71806FG Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
F71808A FINTEK-F71808A Datasheet
1Mb / 126P
   Smart LPC IO With CIR & Power Saving Function
F71808AU FINTEK-F71808AU Datasheet
1Mb / 126P
   Smart LPC IO With CIR & Power Saving Function
More results

Similar Description - F71805

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71872 FINTEK-F71872 Datasheet
2Mb / 115P
   Super H/W Monitor LPC IO
F71806 FINTEK-F71806 Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
logo
Nuvoton Technology Corp...
NCT7904D NUVOTON-NCT7904D Datasheet
1Mb / 140P
   H/W Monitor
logo
Feature Integration Tec...
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com