Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F71612 Datasheet(PDF) 6 Page - Feature Integration Technology Inc.

Part # F71612
Description  USB CIR Chip for Vista
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71612 Datasheet(HTML) 6 Page - Feature Integration Technology Inc.

Back Button F71612 Datasheet HTML 2Page - Feature Integration Technology Inc. F71612 Datasheet HTML 3Page - Feature Integration Technology Inc. F71612 Datasheet HTML 4Page - Feature Integration Technology Inc. F71612 Datasheet HTML 5Page - Feature Integration Technology Inc. F71612 Datasheet HTML 6Page - Feature Integration Technology Inc. F71612 Datasheet HTML 7Page - Feature Integration Technology Inc. F71612 Datasheet HTML 8Page - Feature Integration Technology Inc. F71612 Datasheet HTML 9Page - Feature Integration Technology Inc. F71612 Datasheet HTML 10Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Dec., 2007
V0.22P
-3-
F71612
P
- Power.
Pin No
Pin Name
Type
PWR
Description
1
D+
I/O12t_1.5k
VDD D+. Different data bus conforming to USB standard. Internal pull
high 1.5kΩ.
2
D-
I/O12t
VDD D-. Different data bus conforming to USB standard.
3
PSOUT#
OD12_5v
VDD Panel Switch Output. This pin is low active and pulse output. It is
power on request output.
4
STATE_SEL INts
VDD This pin is for wake up function.
For Portable Product
Pull this pin to high for USB wake up.
For MB System Product
Pull this pin to high and suggest
connecting with one of S4/S5/PWROK/GPIO pin.
MB System in S4/S5 state: Wake up signal will be asserted by
PSOUT# pin in S4/S5 state.
MB System in S3 state: Wake up signal will be asserted by USB
interface in S3 state.
5
XTALIN/48M INt
VDD 12MHz/48MHz clock input.
6
XTALOUT
O12
VDD 12MHz/48MHz clock output.
7
PWCTL
OD12
VDD RX_LR learning power control pin. Suggest external pull high to
3.3V and the clock input source will be selected to 12MHz input.
8
GND
P
VDD Ground pin.
9
SCL
OD12_5V
VDD I2C interface serial clock
10
SDA
OD12_5V
VDD I2C interface serial data
11
TX1
O12
VDD IR transmits port 1.
Pull down 100k resister to ground
TX/RX functions selection.
No resister connects to ground
RX function only.
12
TX0
O12
VDD IR transmits port 0.
Pull down 100k resister to ground ( TX/RX functions
selection.
No resister connects to ground ( RX function only.
(P.S One of TX pins pull down 100K resister to ground, chip
feature will be selected to TX and RX functions, if not, chip
will be selected to RX function only.)
13
LED#
OD16_5V
VDD LED output pin.
14
RX_LR#
INts_5v
VDD IR receiver port1 ( wide band for learning)
15
RX_NR#
INts_5v
VDD IR receiver port0 (long range)


Similar Part No. - F71612

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71612A FINTEK-F71612A Datasheet
475Kb / 17P
   USB CIR Chip with RC6 and QP Protocol
More results

Similar Description - F71612

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71610 FINTEK-F71610 Datasheet
368Kb / 15P
   USB CIR Chip for Vista (Receive Only)
F71612A FINTEK-F71612A Datasheet
475Kb / 17P
   USB CIR Chip with RC6 and QP Protocol
F71610A FINTEK-F71610A Datasheet
415Kb / 15P
   USB CIR Chip with RC6 and QP Protocol
logo
Holtek Semiconductor In...
HT82M28A HOLTEK-HT82M28A Datasheet
246Kb / 15P
   3/5-Key USB Vista Tilt Optical Mouse Controller
logo
Tripp Lite. All Rights ...
ER-V2 TRIPPLITE-ER-V2 Datasheet
162Kb / 2P
   RF Remote Control for Windows 7 & Vista
logo
Feature Integration Tec...
F16267 FINTEK-F16267 Datasheet
794Kb / 29P
   8-bit Microcontroller with CIR Receiver
logo
Nanjing Qinheng Microel...
CH9344 WCH-CH9344 Datasheet
74Kb / 3P
   USB Chip
CH9340 WCH-CH9340 Datasheet
121Kb / 4P
   USB Chip
logo
SMSC Corporation
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
   5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
logo
PHOENIX CONTACT
2884936 PHOENIX-2884936 Datasheet
122Kb / 3P
   Antenna - RAD-ISM-2400-ANT-CIR-8-0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com