Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR2001H-T Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # FR2001H-T
Description  Surface-mounted chip LED device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FR2001H-T Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button FR2001H-T Datasheet HTML 3Page - Seoul Semiconductor FR2001H-T Datasheet HTML 4Page - Seoul Semiconductor FR2001H-T Datasheet HTML 5Page - Seoul Semiconductor FR2001H-T Datasheet HTML 6Page - Seoul Semiconductor FR2001H-T Datasheet HTML 7Page - Seoul Semiconductor FR2001H-T Datasheet HTML 8Page - Seoul Semiconductor FR2001H-T Datasheet HTML 9Page - Seoul Semiconductor FR2001H-T Datasheet HTML 10Page - Seoul Semiconductor FR2001H-T Datasheet HTML 11Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
Reel Packing Structure
P / N : # # # # # # # # # #
L o t N o
# # # # # # # # #
제품명 SSC-FR2001H-T
수량 : 2000
##
SIZE(mm)
TYPE
142
c
CHIP LED
Q'YT : 20,000EA
PART : SSC-FR2001H-T
CODE :
DATE :
LOT NO :
SEOUL SEMICONDUCTOR CO.,LTD
7inch 245
a
220
b
Aluminum Vinyl Bag
Outer Box
Reel
*Material: Paper(SW3B(B))
L o t N o
# # # # # # # # #
제품명 SSC-FR2001H-T
수량 : 2000
P / N : # # # # # # # # # #
##
Acriche
Semiconductor EcoLight
a
RoHS
b
MADE IN KOREA
TUV
c


Similar Part No. - FR2001H-T

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
FR2001H-W SEOUL-FR2001H-W Datasheet
660Kb / 11P
   Surface-mounted chip LED device
More results

Similar Description - FR2001H-T

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YG202 SEOUL-YG202 Datasheet
277Kb / 13P
   Surface-mounted chip LED device
THBTGFR5210-CE SEOUL-THBTGFR5210-CE Datasheet
1Mb / 15P
   Surface-mounted chip LED device
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
YGUR302TM SEOUL-YGUR302TM_12 Datasheet
319Kb / 13P
   Surface-mounted chip LED device
YG104-IC1 SEOUL-YG104-IC1_12 Datasheet
276Kb / 13P
   Surface-mounted chip LED device
HBFR113-S SEOUL-HBFR113-S Datasheet
641Kb / 13P
   Surface-mounted chip LED device
WH2001 SEOUL-WH2001 Datasheet
734Kb / 16P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com