Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FR2001H-D Datasheet(PDF) 4 Page - Seoul Semiconductor

Part No. FR2001H-D
Description  Surface-mounted chip LED device
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEOUL [Seoul Semiconductor]
Homepage  http://www.seoulsemicon.com
Logo 

FR2001H-D Datasheet(HTML) 4 Page - Seoul Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
September 2008
September 2008
www.ZLED.com
www.ZLED.com
1. Absolute maximum ratings
(Ta=25℃)
-40 ~ 100
T
stg.
Storage Temperature
V
5
V
R
Reverse Voltage
mW
80
P
d
Power Dissipation
-40 ~ 100
T
opr.
Operation Temperature
mA
50
I
FM
*1
Peak Forward Current
mA
30
I
F
Forward Current
Unit
Value
Symbol
Parameter
*1 IFM conditions: Pulse width Tw≤0.1ms and Duty ratio≤1/10.
2. Electro-Optical Characteristics
(Ta=25℃)
-
Min
-
-
-
-mcd
-
530
I
F=20 ㎃
I
V
Luminous Intensity*2
lm
-
1.5
I
F=20 ㎃
Φ
Luminous Flux
-
-
-
-
-
10
2.6
Max
135
15
625
-
2.0
Typ
˚
I
F=20 ㎃
1/2
Viewing Angle*3
nm
I
F=20 ㎃
λ
d
Wavelength
V
I
F=20 ㎃
V
F
Forward Voltage
nm
I
F=20 ㎃
Δλ
Spectral Bandwidth
V
R=5V
I
R
Reverse Current
Unit
Condition
Symbol
Parameter
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the
LED package.
*3 θ1/2 is the off-axis where the luminous intensity is 1/2 the peak intensity.
[Note] All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at
20mA within the maximum ratings shown above. All measurements were made under the standardized environment of SSC.
(Tolerance : Iv ±10 %, λD ±2 nm, VF ±0.1 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM101-DPSurface-mounted chip LED device 1 2 3 4 5 MoreSeoul Semiconductor
FCW321GSurface-mounted chip LED device 1 2 3 4 5 MoreSeoul Semiconductor
SSC-THBTGFR421CHIP LED DEVICE 1 2 3 4 5 MoreSeoul Semiconductor
SSC-WH1321GCHIP LED DEVICE 1 2 3 4 5 MoreSeoul Semiconductor
SSC-HB601CHIP LED DEVICE 1 2 3 4 5 MoreSeoul Semiconductor
THBTGFR422CHIP LED DEVICE 1 2 3 4 5 MoreSeoul Semiconductor
WH201CHIP LED DEVICE 1 2 3 4 5 MoreSeoul Semiconductor
SSC-AM101CHIP LED DEVICE 1 2 3 4 5 MoreSeoul Semiconductor
SSC-HB1701CHIP LED DEVICE 1 2 3 4 5 MoreSeoul Semiconductor
SSC-THBTGFR5210CHIP LED DEVICE 1 2 3 4 5 MoreSeoul Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn