Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F15353S Datasheet(PDF) 7 Page - Feature Integration Technology Inc.

Part # F15353S
Description  2-wire Real-time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F15353S Datasheet(HTML) 7 Page - Feature Integration Technology Inc.

Back Button F15353S Datasheet HTML 3Page - Feature Integration Technology Inc. F15353S Datasheet HTML 4Page - Feature Integration Technology Inc. F15353S Datasheet HTML 5Page - Feature Integration Technology Inc. F15353S Datasheet HTML 6Page - Feature Integration Technology Inc. F15353S Datasheet HTML 7Page - Feature Integration Technology Inc. F15353S Datasheet HTML 8Page - Feature Integration Technology Inc. F15353S Datasheet HTML 9Page - Feature Integration Technology Inc. F15353S Datasheet HTML 10Page - Feature Integration Technology Inc. F15353S Datasheet HTML 11Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Fintek
Feature Integration Technology Inc.
V0.12P
6
F15353
4 Pin Description
4.1. Power Pin
Pin No.
Pin Name
Type
Description
4
VSS
P
Ground
8
VDD
P
Power supply pin
4.2. Crystal Oscillator Pin
Pin No.
Pin Name
Type
PWR
Description
2
XOUT
AOUT
VDD
Crystal oscillator connect pin, 32.768KHz
3
XIN
AIN
VDD
Crystal oscillator connect pin, 32.768KHz
4.3. Interrupt Pin
Pin No.
Pin Name
Type
PWR
Description
1
INT1#
OD5
VDD
Interrupt 1 signal output pin. Depending on the mode set by
INT1 register_1 and the status register, it outputs low or a clock
when
the
time
is
reached.
It
is
disabled
by rewriting
the status register.
5
INT2#
OD5
VDD
Interrupt 2 signal output pin. Depending on the mode set by
INT1 register_2 and
the
status
register,
it
outputs
low or
clock when time is reached. It is disabled by rewriting the status
register.
P
- Power pins
INst
- TTL level input pin with schmitt trigger
I/OD1ost
- TTL level bi-directional pin with schmitt trigger, Open-drain output with 10 mA sink capability at
VDD=3.0V
OD5
- Output pin with 5mA sink capability at VDD=3.0V
AIN
- Input pin (Analog).
AOUT
- Output pin (Analog).


Similar Part No. - F15353S

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1535 POLYFET-F1535 Datasheet
36Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
logo
List of Unclassifed Man...
F1535A ETC1-F1535A Datasheet
467Kb / 2P
   5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
F1535AD ETC1-F1535AD Datasheet
467Kb / 2P
   5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
F1535ADM ETC1-F1535ADM Datasheet
467Kb / 2P
   5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
More results

Similar Description - F15353S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35390A SII-S-35390A Datasheet
701Kb / 54P
   2-WIRE REAL-TIME CLOCK
S-35392A SII-S-35392A Datasheet
618Kb / 47P
   2-WIRE REAL-TIME CLOCK
S-35399A02 SII-S-35399A02 Datasheet
787Kb / 55P
   2-WIRE REAL-TIME CLOCK
S35399A03 SII-S35399A03 Datasheet
3Mb / 54P
   2-WIRE REAL-TIME CLOCK
S35391A SII-S35391A Datasheet
2Mb / 53P
   2-WIRE REAL-TIME CLOCK
S35392A SII-S35392A Datasheet
2Mb / 48P
   2-WIRE REAL-TIME CLOCK
S-35399A03 SII-S-35399A03 Datasheet
571Kb / 51P
   2-WIRE REAL-TIME CLOCK
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com