Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV505-019.2M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # TV505-019.2M
Description  Telecom Performance TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TV505-019.2M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  TV505-019.2M Datasheet HTML 1Page - Connor-Winfield Corporation TV505-019.2M Datasheet HTML 2Page - Connor-Winfield Corporation TV505-019.2M Datasheet HTML 3Page - Connor-Winfield Corporation TV505-019.2M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
Bulletin
Tx215
Page
1of4
Revision
01
Date
25 Aug 2008
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Description
Package Layout
Standard Frequencies Available *
Table 1.0
Features:
Pad Connections
Ordering Information
6.4 MHz 9.72 MHz 10.0 MHz 10.24 MHz 12.5 Mhz
19.44 MHz 20.0 MHz 20.48 MHz
12.8 MHz
13.5 MHz
25 MHz 27 MHz 38.88 MHz
* Available frequencies from the factory for small quantity orders or quick delivery. Additional frequencies are available.
Telecom
Performance
TCXO / VCTCXO
Applications
STRATUM 3 Applications
Timing Reference
The Connor-Winfield
5.0x7.0mm Temperature
Compensated Crystal
Controlled Oscillators and
Voltage Controlled Temperature
Compensated Crystal Controlled
Oscillators are designed for use in S3
Telecom Applications. Through the use of
Analog Temperature Compensation, this
device is capable of holding sub 1-ppm
stabilities over the commercial or the
industrial temperature ranges. All models
meet +/-4.6ppm accuracies for twenty
years.
Miniature 5.0 x7.0mm Surface Mount Package
3.3V Operation
LVCMOS or Clipped Sinewave Output Logic
Frequency Stabilities Available:
TV50x / TV60x: +/-0.28ppm
T 51x / T 61x:
0.50ppm
T 52x / T 62x:
1.00ppm
Temperature Ranges Available:
TV5xx Series: 0 to 70°C
TV6xx Series: -40 to 85°C
Frequency Tolerance: +/-4.60ppm for 20 yrs.
Low Jitter <1pS RMS
Tape and Reel Packaging
RoHS Compliant / Lead Free
Recommended for New Designs
Matches Vectron’s VTC1-Series Footprint
V
V
+/-
V
V
+/-
4
Type:
Precision
TCXO
VCTCXO
5x7mm
4 Pads
Features:
2 = TCXO, LVCMOS, 3.3Vdc.
3=
4=VC
5=VC
TCXO, Clipped Sinewave, 3.3Vdc.
TCXO, LVCMOS, 3.3Vdc.
TCXO, Clipped Sinewave, 3.3Vdc.
Temperature Range:
5=0to
6 = -40 to 85
70° C
°C
Frequency Stability:
0 = +/-0.28
1 = +/-
2 = +/-
ppm
0.50 ppm
1.00 ppm
TV
5
0
019.2M
-
Output Frequency:
Frequency Format
-xxx.xM Min.*
-xxx.xxxxxxM Max.*
*Amount of numbers
after the decimal point.
M = MHz
Example:
TV504-019.2M = 5x7mm, TCXO, LVCMOS,
3.3Vdc, 0 to 70C, +/-0.28ppm, Output Frequency 19.2MHz
To order an TV504 with an output frequency of:
6.4 MHz = TV504-006.4M
20 MHz = TV504-020.0M
38.88 MHz = TV504-038.88M
TV504
0808
19.2MHZ
1
Control Voltage or N/C
2
Ground
3
Output
4
Supply Voltage (Vcc)
Dimensional Tolerance:
±.005 (.127mm)
±.02
(.508mm)
0.276
0.006
(7.0mm)
±
0.197
0.006
(5.0mm)
±
0.079 Max.
(2.0mm)
0.03
(0.
mm)
3
84
(4 Places)
0.0
(
mm)
55
1.40
(4 Places)
Pad 1
1
2
3
4
(Bottom View)
(Top View)
TV504 0808
19.2MHZ


Similar Part No. - TV505-019.2M

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV50C101J-G COMCHIP-TV50C101J-G Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C101J-HF COMCHIP-TV50C101J-HF Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C101JB-G COMCHIP-TV50C101JB-G Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C101JB-HF COMCHIP-TV50C101JB-HF Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C110-G COMCHIP-TV50C110-G Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV505-019.2M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T602-030M CONNOR-WINFIELD-T602-030M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TF5B-019.2M CONNOR-WINFIELD-TF5B-019.2M Datasheet
205Kb / 2P
   Ultra Precise TCXO/VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com