Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV512-019.2M Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # TV512-019.2M
Description  Telecom Performance TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TV512-019.2M Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  TV512-019.2M Datasheet HTML 1Page - Connor-Winfield Corporation TV512-019.2M Datasheet HTML 2Page - Connor-Winfield Corporation TV512-019.2M Datasheet HTML 3Page - Connor-Winfield Corporation TV512-019.2M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Table 13.0
Package
Ceramic Surface Mount Package.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
90%
50%
10%
200 mV/Div
0
Design Recommendations
OSC
TOP LAYER
GROUND LAYER
BOTTOM LAYER
Output
Buffer
50 Ohm Trace
Without
Vias
Model TV504-019.2MHz
Typical Phase Noise
Solder Profile
LVCMOS Output Waveform
Clipped Sinewave Output Waveform
Package Characteristics
Environmental Characteristics
Table 14.0
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering:
SMD product suitable for Convection Reflow soldering. Peak
temperature 260 C. Maximum time above 220 C, 60 seconds.
Solderability
Solderability per Mil Std 883E Method 2003
Suggested Pad Layout
Buffer
Ground
50 Ohm trace
<1”by design
Vcc
Ground
Top View
Specifications subject to change without notice. All dimensions in inches.
© Copyright 2008 The Connor-Winfield Corporation
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx215
4of4
01
25 Aug 2008
(Top View)
1
2
3
4
0.69
(17.53mm)
0.08
(2.0mm)
0.08
(2.0mm)
3.15
(80mm)
9.84
(250mm)
0.08
(2.0mm)
8.45 Dia.
(214.6mm)
1.0 Dia.
(25.4mm)
4-PAD Ceramic Package
0.197x0.295 (5.0x7.0mm)
Standard Orientation
Tape and Reel Specifications
Meets EIA-481A and EIJ-1009B
2000 Pieces/Reel Maximum.
Direction of Feed (Customer)
0.157
(4mm)
0.079
(2mm)
0.020 R.
(0.5mm)
0.63 (1.6mm) Dia.
0.059 (1.5mm) Dia.
0.069
(1.75mm)
0.295
(7.5mm)
0.642 (16.30mm)
0.626 (15.90mm)
0.059 (1.5mm) Dia. Minimum
Pocket Size
(Ao)
(Bo)
(Ko)
5.33mm (0.21”)
7.87mm (0.31”)
3.07mm (0.121”)
16mm (0.630”) Width
8mm (0.315”) Pitch
Typical
0.210
(5.33mm)
(Ao)
0.121
(3.07mm)
(Ko)
0.315
(8.0mm)
Typical
0.31
(7.87mm)
(Bo)
0.014 (+/-.004)
(0.36mm +/-.01)
SM-MECH09
0.010”(0.254mm)
Recommended
clearance
inductance
for internal
copper flood.
1
3
4
5
6
8
9
10
4
1
2
3
Vcc, should have
a large copper
area for reduced
inductance.
Connect a 0.01uF
bypass capacitor
<0.1”(2.54mm)
from the pad.
Ground,
should have
a large copper
area for reduced
inductance.
Top View


Similar Part No. - TV512-019.2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TV5 ETC-TV5 Datasheet
114Kb / 1P
   TO-220 HEAT SINKS
logo
Comchip Technology
TV50C101J-G COMCHIP-TV50C101J-G Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C101J-HF COMCHIP-TV50C101J-HF Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C101JB-G COMCHIP-TV50C101JB-G Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C101JB-HF COMCHIP-TV50C101JB-HF Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV512-019.2M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T602-030M CONNOR-WINFIELD-T602-030M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TF5B-019.2M CONNOR-WINFIELD-TF5B-019.2M Datasheet
205Kb / 2P
   Ultra Precise TCXO/VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com