Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1469IS8-2-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT1469IS8-2-TRPBF
Description  Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469IS8-2-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1469IS8-2-TRPBF Datasheet HTML 4Page - Linear Technology LT1469IS8-2-TRPBF Datasheet HTML 5Page - Linear Technology LT1469IS8-2-TRPBF Datasheet HTML 6Page - Linear Technology LT1469IS8-2-TRPBF Datasheet HTML 7Page - Linear Technology LT1469IS8-2-TRPBF Datasheet HTML 8Page - Linear Technology LT1469IS8-2-TRPBF Datasheet HTML 9Page - Linear Technology LT1469IS8-2-TRPBF Datasheet HTML 10Page - Linear Technology LT1469IS8-2-TRPBF Datasheet HTML 11Page - Linear Technology LT1469IS8-2-TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT1469-2
11
14692f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(Reference LTC DWG # 05-08-1610)
DF Package
12-Lead Plastic DFN (4mm × 4mm)
(Reference LTC DWG # 05-08-1773 Rev Ø)
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0°– 8° TYP
.008 – .010
(0.203 – 0.254)
SO8 0303
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
1
2
3
4
.150 – .157
(3.810 – 3.988)
NOTE 3
8
7
6
5
.189 – .197
(4.801 – 5.004)
NOTE 3
.228 – .244
(5.791 – 6.197)
.245
MIN
.160 ±.005
RECOMMENDED SOLDER PAD LAYOUT
.045 ±.005
.050 BSC
.030 ±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
4.00 ± 0.10
(4 SIDES)
NOTE:
1. DRAWING IS PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220
VARIATION (WGGD-X)—TO BE APPROVED
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 ± 0.10
1
6
12
7
BOTTOM VIEW—EXPOSED PAD
2.65 ± 0.10
0.75 ± 0.05
R = 0.115
TYP
0.25 ± 0.05
0.50 BSC
2.50 REF
3.38 ±0.10
0.200 REF
0.00 – 0.05
(DF12) DFN 0806 REV Ø
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ±0.05
0.25 ±0.05
0.50 BSC
3.10 ± 0.05
4.50 ± 0.05
PACKAGE
OUTLINE
PIN 1 NOTCH
R = 0.20 TYP OR
0.35 × 45°
CHAMFER
2.65 ± 0.05
3.38 ±0.05
2.50 REF


Similar Part No. - LT1469IS8-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469IS8-PBF LINER-LT1469IS8-PBF Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469IS8-TR LINER-LT1469IS8-TR Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469IS8-TRPBF LINER-LT1469IS8-TRPBF Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
More results

Similar Description - LT1469IS8-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468-2 LINER-LT1468-2 Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
   Dual 200MHz, 30V/s 16-Bit Accurate
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
   200MHz, 30V/s 16-Bit Accurate
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
logo
Maxim Integrated Produc...
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
   Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
   90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
logo
Micrel Semiconductor
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
   200MHz Low-Power SOT23-5 Op Amp
logo
Linear Technology
LT6274 LINER-LT6274 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com