Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE6E-020.0M Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # TE6E-020.0M
Description  High Precision TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TE6E-020.0M Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  TE6E-020.0M Datasheet HTML 1Page - Connor-Winfield Corporation TE6E-020.0M Datasheet HTML 2Page - Connor-Winfield Corporation TE6E-020.0M Datasheet HTML 3Page - Connor-Winfield Corporation TE6E-020.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
TCXO or VCTCXO
3.3V or 5.0V Operation
CMOS Output or
Clipped Sinewave Output
Frequency Stability:
Tx5C/Tx6C - Series±0.25ppm
Tx5E/Tx6E - Series±0.50ppm
Tx5F/Tx6F - Series±1.00ppm
Temperature Range:
Tx5x-Series 0 to 70°C
Tx6xx-Series -40 to 85°C
Low Jitter <1pS RMS
Tri-State Enable/Disable
Surface Mount Package
Tape and Reel Packing
RoHS Compliant / Lead Free
4
5
1
2
3
6
7
8
9
10
Vcc
Supply
Voltage
N/C - TCXO
VC- VCTCXO
DNC DNC DNC
DNC DNC
Output
15 pF
.01 uF
Bypass
E/D
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx180
2of4
05
25 Aug 2008
CMOS Test Circuit
Features
Model Specifications
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
TA
5C
0713
20.0
MHz
4
5
1
2
3
6
7
8
9
10
Vcc
Supply
Voltage
N/C - TCXO
VC - VCTCXO
DNC DNC DNC
DNC DNC
.01 uF
Bypass
E/D
Output
10 pF
10Kohm
Clipped Sinewave Test Circuit
±0.25ppm Model Specifications
±0.50ppm Model Specifications
±1.00ppm Model Specifications
Table 1.0
Table 2.0
Table 3.0
Table 4.0
Table 5.0
Table 6.0
Model Number
TA5CTB5CTE5C
TF5C
TC5C
TD5C
TG5C
TH5C
Output Type
LVCMOS
Clipped
Sinewave
LVCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Supply Voltage
3.3Vdc
3.3Vdc
3.3Vdc
3.3Vdc
5.0Vdc
5.0Vdc
5.0Vdc
5.0Vdc
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.25ppm (Note 1)
Temperature Range
0 to 70°C
Model Number
TA6CTB6CTE6C
TF6C
TC6C
TD6C
TG6C
TH6C
Output Type
LVCMOS
Clipped
Sinewave
LVCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Supply Voltage
3.3Vdc
3.3Vdc
3.3Vdc
3.3Vdc
5.0Vdc
5.0Vdc
5.0Vdc
5.0Vdc
FrequencyRange
6.4to40MHz
Frequency Stability
±0.25ppm (Note 1)
Temperature Range
-40 to 85°C
Model Number
TA5E
TB5ETE5E
TF5ETC5E
TD5E
TG5E
TH5E
Output Type
LVCMOS
Clipped
Sinewave
LVCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Supply Voltage
3.3Vdc
3.3Vdc
3.3Vdc
3.3Vdc
5.0Vdc
5.0Vdc
5.0Vdc
5.0Vdc
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.50ppm (Note 1)
Temperature Range
0 to 70°C
Model Number
TA6E
TB6ETE6E
TF6ETC6E
TD6E
TG6E
TH6E
Output Type
LVCMOS
Clipped
Sinewave
LVCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Supply Voltage
3.3Vdc
3.3Vdc
3.3Vdc
3.3Vdc
5.0Vdc
5.0Vdc
5.0Vdc
5.0Vdc
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.50ppm (Note 1)
Temperature Range
-40 to 85°C
Model Number
TA5FTB5FTE5F
TF5F
TC5F
TD5F
TG5F
TH5F
Output Type
LVCMOS
Clipped
Sinewave
LVCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Supply Voltage
3.3Vdc
3.3Vdc
3.3Vdc
3.3Vdc
5.0Vdc
5.0Vdc
5.0Vdc
5.0Vdc
FrequencyRange
6.4to52MHz
Frequency Stability
±1.00ppm (Note 1)
Temperature Range
0 to 70°C
Model Number
TA6FTB6FTE6F
TF6F
TC6F
TD6F
TG6F
TH6F
Output Type
LVCMOS
Clipped
Sinewave
LVCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
HCMOS
Clipped
Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Supply Voltage
3.3Vdc
3.3Vdc
3.3Vdc
3.3Vdc
5.0Vdc
5.0Vdc
5.0Vdc
5.0Vdc
FrequencyRange
6.4to52MHz
Frequency Stability
±1.00ppm (Note 1)
Temperature Range
-40 to 85°C
Note: 1) Frequency stability vs. change in temperature. [±(Fmax – Fmin)/2.Fo].


Similar Part No. - TE6E-020.0M

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE60 SLPOWER-TE60 Datasheet
761Kb / 4P
   60W Single Output External Power
logo
Tripp Lite. All Rights ...
TE600 TRIPPLITE-TE600 Datasheet
487Kb / 4P
   TE Series 120V 600VA 425W Line-Interactive UPS,AVR, Tower, DB9 Serial port
logo
Transys Electronics
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Topstek Inc.
TE600A TOPSTEK-TE600A Datasheet
105Kb / 2P
   Topstek Current Transducers
logo
Transys Electronics
TE600B TRSYS-TE600B Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
More results

Similar Description - TE6E-020.0M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
T100F-020M CONNOR-WINFIELD-T100F-020M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
DOT050F-012M CONNOR-WINFIELD-DOT050F-012M Datasheet
464Kb / 4P
   Precision TCXO / VCTCXO Models DOT050F / DOT050V
M602-012.8M CONNOR-WINFIELD-M602-012.8M Datasheet
186Kb / 4P
   Precision Sub-Miniature 5.0x3.2mm TCXO / VCTCXO
M77F-010.0M CONNOR-WINFIELD-M77F-010.0M Datasheet
170Kb / 4P
   Precision Sub-Miniature 3.2x5.0mm TCXO / VCTCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com