Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T625-019.44M Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # T625-019.44M
Description  Telecom Performance TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

T625-019.44M Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  T625-019.44M Datasheet HTML 1Page - Connor-Winfield Corporation T625-019.44M Datasheet HTML 2Page - Connor-Winfield Corporation T625-019.44M Datasheet HTML 3Page - Connor-Winfield Corporation T625-019.44M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Table 14.0
Package
Ceramic Surface Mount Package.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
90%
50%
10%
200 mV/Div
0
Design Recommendations
1
Tape and Reel Specifications
OSC
TOP LAYER
GROUND LAYER
BOTTOM LAYER
Output
Buffer
50 Ohm Trace
Without
Vias
Model T504-019.44MHz
Typical Phase Noise
Solder Profile
LVCMOS Output Waveform
Clipped Sinewave Output Waveform
Package Characteristics
Environmental Characteristics
Table 15.0
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering:
SMD product suitable for Convection Reflow soldering. Peak
temperature 260 C. Maximum time above 220 C, 60 seconds.
Solderability
Solderability per Mil Std 883E Method 2003
Suggested Pad Layout
Vcc, should have
a large copper
area for reduced
inductance.
Connect a 0.01uF
bypass capacitor
<0.1”(2.54mm)
from the pad.
Ground,
should have
a large copper
area for reduced
inductance.
0.010”(0.254mm)
Recommended
clearance
inductance
for internal
copper flood.
Top View
1
3
4
5
6
8
9
10
Buffer
Ground
50 Ohm trace
<1”by design
Vcc
Ground
Top View
0.215
(5.46mm)
0.037
(0.94mm)
0.051
(1.28mm)
0.051
(1.28mm)
0.295
(7.49mm)
0.030
(0.76mm)
Keep Out Area
Top View
1
Dimensional Tolerance:
±.005 (.127mm)
±.02 (.508mm)
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx176
4of4
07
25 Aug 2008


Similar Part No. - T625-019.44M

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T625 POWEREX-T625 Datasheet
717Kb / 4P
   Phase Control SCR (300-400 Amperes 1200 Volts)
T6250125 POWEREX-T6250125 Datasheet
237Kb / 6P
   Phase Control SCR (250-400 Amperes 100-1200 Volts)
T6250130 POWEREX-T6250130 Datasheet
237Kb / 6P
   Phase Control SCR (250-400 Amperes 100-1200 Volts)
T6250140 POWEREX-T6250140 Datasheet
237Kb / 6P
   Phase Control SCR (250-400 Amperes 100-1200 Volts)
T6250225 POWEREX-T6250225 Datasheet
237Kb / 6P
   Phase Control SCR (250-400 Amperes 100-1200 Volts)
More results

Similar Description - T625-019.44M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TV504-019.2M CONNOR-WINFIELD-TV504-019.2M Datasheet
169Kb / 4P
   Telecom Performance TCXO / VCTCXO
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T602-030M CONNOR-WINFIELD-T602-030M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TF5B-019.2M CONNOR-WINFIELD-TF5B-019.2M Datasheet
205Kb / 2P
   Ultra Precise TCXO/VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com