Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-2824 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2824
Description  Surface Mount RF Schottky Barrier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2824 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-2824 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2824 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2824 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2824 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-2824 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-2824 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMS-2824 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMS-2824 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSMS-2824 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Assembly Instructions
SOT-3x3 PCB Footprint
Recommended PCB pad layouts for the miniature SOT‑
3x3 (SC‑70) packages are shown in Figures 26 and 27 (di‑
mensions are in inches). These layouts provide ample al‑
lowance for package placement by automated assembly
equipment without adding parasitics that could impair
the performance.
0.026
0.039
0.079
0.022
Dimensions in inches
0.026
0.079
0.018
0.039
Dimensions in inches
Figure26. RecommendedPCBPadLayoutforAvago’s SC70 3L/SOT-323 Products.
Figure27. Recommended PCB Pad Layout for Avago's SC70 6L/SOT-363 Products.
Diode Burnout
Any Schottky junction, be it an RF diode or the gate of a
MESFET, is relatively delicate and can be burned out with
excessive RF power. Many crystal video receivers used
in RFID (tag) applications find themselves in poorly con‑
trolled environments where high power sources may
be present. Examples are the areas around airport and
FAA radars, nearby ham radio operators, the vicinity of a
broadcast band transmitter, etc. In such environments,
the Schottky diodes of the receiver can be protected by a
device known as a limiter diode.[5] Formerly available only
in radar warning receivers and other high cost electronic
warfare applications, these diodes have been adapted to
commercial and consumer circuits.
Avago offers a complete line of surface mountable PIN
limiter diodes. Most notably, our HSMP‑4820 (SOT‑23) can
act as a very fast (nanosecond) power‑sensitive switch
when placed between the antenna and the Schottky di‑
ode, shorting out the RF circuit temporarily and reflecting
the excessive RF energy back out the antenna.
[5] Avago Application Note 1050, “Low Cost, Surface Mount Power
Limiters.”


Similar Part No. - HSMS-2824

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2824 HP-HSMS-2824 Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2824 AVAGO-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-2824-BLK HP-HSMS-2824-BLK Datasheet
209Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824-BLK HP-HSMS-2824-BLK Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2824

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281B-BLKG AVAGO-HSMS-281B-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-281X HP-HSMS-281X Datasheet
147Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282X HP-HSMS-282X Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2803 BOARDCOM-HSMS-2803 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2804 BOARDCOM-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2805 BOARDCOM-HSMS-2805 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813 BOARDCOM-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2823 BOARDCOM-HSMS-2823 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2828 BOARDCOM-HSMS-2828 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com