Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T513-019.44M Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # T513-019.44M
Description  Telecom Performance TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

T513-019.44M Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  T513-019.44M Datasheet HTML 1Page - Connor-Winfield Corporation T513-019.44M Datasheet HTML 2Page - Connor-Winfield Corporation T513-019.44M Datasheet HTML 3Page - Connor-Winfield Corporation T513-019.44M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
4
5
1
2
3
6
7
8
9
10
Vcc
Supply
Voltage
Voltage
Control
DNC DNC DNC
DNC DNC
.01 uF
Bypass
E/D
Output
10 pF
10Kohm
Clipped Sinewave Test Circuit
Features
Electrical Specifications for all Models
TCXO
VCTCXO
3.3V Operation
LVCMOS Output
Clipped Sinewave Output
Frequency Stability:
T50x/T60xSeries+/-0.28ppm
T51x/T61x-Series+/-0.50ppm
T52x/T62x-Series+/-1.00ppm
Temperature Range:
T5xx-Series 0 to 70°C
T6xx-Series -40 to 85°C
Low Jitter <1pS RMS
Tri-State Enable/Disable
Surface Mount Package
Tape and Reel Packing
RoHS Compliant / Lead Free
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx176
3of4
07
25 Aug 2008
Notes:
1) TCXO: Initial calibration @ 25 C. Specifications at time of shipment after 48
hours of operation.
2) Frequency change after reciprocal temperature ramped over the operating
range. Frequency measured before and after at 25°C.
3) Inclusive of calibration @ 25 C, frequency vs. change in temperature, change in
supply voltage (±5%), load change (±5%), reflow soldering process and 20
years aging.
4) For best in application performance, careful selection of an external power
source is critical. Select an external regulator that meets or exceeds the
following specifications regarding voltage regulation tolerance, initial accuracy,
temperature coefficient, voltage noise, and low voltage noise density.
Factory Test Conditions: Initial Accuracy ±2mv, Noise (0.1Hz to 10 KHz) 15uV
p-p, Voltage Noise Density = 50nV/square root of Hz, Temperature Coefficient <
5ppm per degree C.
5) Leave Pad 8 unconnected if enable / disable function is not required. When tri-
stated, the output stage is disabled but the oscillator and compensation circuit
are still active (current consumption < 1mA).
6) Additional pull ranges are available; please contact the factory for additional
information.
7) Output is AC coupled.
Operating Specifications
Table 9.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
TCXO Frequency Calibration @ 25 C
-1.00
-
1.00
ppm
1
Supply Voltage Variation. (Vcc±5%)
-0.2
-
0.2
ppm
Load Coefficient, ±5pF
-0.2
-
0.2
ppm
Static Temperature Hysteresis
-0.4
-
0.4
ppm
2
Total Frequency Tolerance
-4.60
-
4.60
ppm
3
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
4
Supply Current
(Icc)
-
6
10
mA
Period Jitter
-
3
5
ps rms
Integrated Phase Jitter (BW=12kHz to 20MHz)
-
0.3
1.0
ps rms
SSB Phase Noise at 10Hz offset
-
-80
-70
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-110
-100
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-135
-130
dBc/Hz
SSB Phase Noise at >10KHz offset
-
-150
-145
dBc/Hz
SSB Phase Noise at >100KHz offset
-
-150
-150
dBc/Hz
Start Up Time
-
-
10
ms
Input Characteristics For Enable / Disable Function (Pad 8)
Table 10.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
Enable Voltage (High) or open circuit
(Vih)
70% Vcc
-
-
Vdc
5
Disable Voltage (Low) Output Tri-stated
(Vil)
-
-
30% Vcc
Vdc
Input Characteristics For Voltage Control (Pad10)
Table 11.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
Control Voltage Range (Vcc = 3.3V)
(Vc)
0.3
1.65
3.0
Vdc
Frequency Tuning
±10
-
-
ppm
6
Linearity
±5
-
-
%
Slope
Positive
LVCMOS Output Characteristics
Table 12.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
90%Vcc
-
-
Vdc
(Low)
(Vol)
-
-
10%Vcc
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Iol)
-
-
4
mA
Duty Cycle at 50% of Vcc
455055
%
Rise / Fall Time 10% to 90%
-
-
8
ns
Clipped Sinewave Output Characteristics
Table 13.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
Load
7
Output Load Resistance
-
10K
-
Ohms
Output Load Capacitance
-
10
-
pF
Output Voltage (< 40 MHz)
1.00
-
-
V pk-pk
Output Voltage (> 40 MHz)
0.80
-
-
V pk-pk


Similar Part No. - T513-019.44M

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T513001 E-SWITCH-T513001 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T513003 E-SWITCH-T513003 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T513010 E-SWITCH-T513010 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T513011 E-SWITCH-T513011 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T513012 E-SWITCH-T513012 Datasheet
99Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T513-019.44M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TV504-019.2M CONNOR-WINFIELD-TV504-019.2M Datasheet
169Kb / 4P
   Telecom Performance TCXO / VCTCXO
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T602-030M CONNOR-WINFIELD-T602-030M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TF5B-019.2M CONNOR-WINFIELD-TF5B-019.2M Datasheet
205Kb / 2P
   Ultra Precise TCXO/VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com