Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T522-019.44M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # T522-019.44M
Description  Telecom Performance TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

T522-019.44M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  T522-019.44M Datasheet HTML 1Page - Connor-Winfield Corporation T522-019.44M Datasheet HTML 2Page - Connor-Winfield Corporation T522-019.44M Datasheet HTML 3Page - Connor-Winfield Corporation T522-019.44M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
Bulletin
Tx176
Page
1of4
Revision
07
Date
25 Aug 2008
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Description
Package Layout
Standard Frequencies Available *
Table 1.0
Features:
Pin Connections
0.276 0.006
(7.0mm)
±
0.197
0.006
(5.0mm)
±
0.079 Max.
(2.0mm)
T504 0702
19.44MHz
0.025(6 Places)
(0.635mm)
0.100
(2.54mm)
0.040
(1.02mm)
(6 Places)
0.030
(0.762mm)
(4 Places)
0.100
(2.54mm)
Pin 1
0.038
(0.965mm)
(4 Places)
Dimensional Tolerance:
±.005 (.127mm)
±.02 (.508mm)
1
23
4
5
6
7
8
9
10
Bottom
View
Ordering Information
1
Do not connect
2
Do not connect
3
Do not connect
4
Ground
5
Output
6
Do not connect
7
Do not connect
8
Tri-state Enable / Disable
9
Supply, Vcc
10
Voltage Control (VCTCXO)
N/C (TCXO)
6.4 MHz 9.72 MHz 10.0 MHz 10.24 MHz 12.5 Mhz
19.44 MHz 20.0 MHz 20.48 MHz
12.8 MHz 13.5 MHz
19.2 MHz
25 MHz 27 MHz 38.88 MHz
* Available frequencies from the factory for small quantity orders or quick delivery. Additional frequencies are available.
Telecom
Performance
TCXO / VCTCXO
Applications
STRATUM 3 Applications
Timing Reference
The Connor-Winfield
5.0x7.0mm Temperature
Compensated Crystal
Controlled Oscillators
and Voltage Controlled
Temperature
Compensated Crystal Controlled
Oscillators are designed for use in S3
Telecom Applications. Through the use of
Analog Temperature Compensation, this
device is capable of holding sub 1-ppm
stabilities over the commercial or the
industrial temperature ranges. All models
meet +/-4.6ppm accuracies for twenty
years.
Miniature 5.0 x7.0mm Surface Mount Package
3.3V Operation
LVCMOS or Clipped Sinewave Output Logic
Frequency Stabilities Available:
T50x / T60x: +/-0.28ppm
T51x / T61x:
0.50ppm
T52x / T62x:
1.00ppm
Temperature Ranges Available:
T5xx Series: 0 to 70°C
T6xx Series: -40 to 85°C
Frequency Tolerance: +/-4.60ppm for 20 yrs.
Low Jitter <1pS RMS
Tri-State Enable/Disable
Tape and Reel Packaging
RoHS Compliant / Lead Free
Recommended for New Designs
+/-
+/-
4
Type:
Precision
TCXO
VCTCXO
5x7mm
Features:
2 = TCXO, LVCMOS, 3.3Vdc.
3=
4=VC
5=VC
TCXO, Clipped Sinewave, 3.3Vdc.
TCXO, LVCMOS, 3.3Vdc.
TCXO, Clipped Sinewave, 3.3Vdc.
Temperature Range:
5=0to
6 = -40 to 85
70° C
°C
Frequency Stability:
0 = +/-0.28
1 = +/-
2 = +/-
ppm
0.50 ppm
1.00 ppm
T
5
0
019.44M
-
Output Frequency:
Frequency Format
-xxx.xM Min.*
-xxx.xxxxxxM Max.*
*Amount of numbers
after the decimal point.
M = MHz
Example:
T504-019.44M = 5x7mm, TCXO, LVCMOS,
3.3Vdc, 0 to 70C, +/-0.28ppm, Output Frequency 19.44MHz
To order an T504 with an output frequency of:
6.4 MHz = T504-006.4M
20 MHz = T504-020.0M
38.88 MHz = T504-038.88M


Similar Part No. - T522-019.44M

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T522002 E-SWITCH-T522002 Datasheet
60Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T522003 E-SWITCH-T522003 Datasheet
136Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T522004 E-SWITCH-T522004 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T522005 E-SWITCH-T522005 Datasheet
222Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
T522006 E-SWITCH-T522006 Datasheet
145Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T522-019.44M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TV504-019.2M CONNOR-WINFIELD-TV504-019.2M Datasheet
169Kb / 4P
   Telecom Performance TCXO / VCTCXO
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T602-030M CONNOR-WINFIELD-T602-030M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TF5B-019.2M CONNOR-WINFIELD-TF5B-019.2M Datasheet
205Kb / 2P
   Ultra Precise TCXO/VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com