Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T16-G Datasheet(PDF) 3 Page - Suntac Electronic Corp.

Part # T16-G
Description  16A Triacs logic level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

T16-G Datasheet(HTML) 3 Page - Suntac Electronic Corp.

  T16-G Datasheet HTML 1Page - Suntac Electronic Corp. T16-G Datasheet HTML 2Page - Suntac Electronic Corp. T16-G Datasheet HTML 3Page - Suntac Electronic Corp. T16-G Datasheet HTML 4Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OTHER INFORMATION
Note: xxx = voltage, y = sensitivity, z = type
Part Number
Marking
Weight
Base
quantity
Packing
mode
BTA/BTB16-xxxyz
BTA/BTB16xxxyz
2.3 g
250
Bulk
BTA/BTB16-xxxyzRG
BTA/BTB16-xxxyz
2.3 g
50
Tube
T1635-xxxG
T1635xxxG
1.5 g
50
Tube
T1635-xxxG-TR
T1635xxxG
1.5 g
1000
Tape & reel
Fig. 1: Maximum power dissipation versus RMS
on-state current (full cycle).
Fig. 2-1: RMS on-state current versus case
temperature (full cycle).
Fig. 2-2: D²PAK RMS on-state current versus
ambient temperature (printed circuit board FR4,
copper thickness: 35
µm), full cycle.
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
02468
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
IT(RMS) (A)
P (W)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
Tc(°C)
IT(RMS) (A)
BTA
BTB/T16
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tamb(°C)
IT(RMS) (A)
D PAK
(S=1cm )
2
2
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1E-2
1E-1
1E+0
tp (s)
K=[Zth/Rth]
Zth(j-c)
Zth(j-a)
16A Triacs logic level
BTA/BTB16 series
3/4


Similar Part No. - T16-G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
T16-1-X65 MINI-T16-1-X65 Datasheet
152Kb / 1P
   RF Transformer
T16-1-X65++ MINI-T16-1-X65+ Datasheet
152Kb / 1P
   RF Transformer
logo
List of Unclassifed Man...
T16-10 ETC2-T16-10 Datasheet
99Kb / 1P
   STA-KON Copper Tube Terminals
logo
Mini-Circuits
T16-6T MINI-T16-6T Datasheet
158Kb / 1P
   RF Transformer
T16-6T++ MINI-T16-6T+ Datasheet
158Kb / 1P
   RF Transformer
More results

Similar Description - T16-G

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com