Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-36163-TR2G Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-36163-TR2G
Description  1.5-18 GHz Surface Mount Pseudomorphic HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-36163-TR2G Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-36163-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-36163-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-36163-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-36163-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-36163-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-36163-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-36163-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-36163-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-36163-TR2G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies. All rights reserved. Obsoletes 5989-1915EN
AV02-1441EN - July 29, 2008
Tape Dimensions and Product Orientation For Outline 63
Device Orientation
ATF-36163 Device Orientation
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
ATF-36163 Tape – Device Orientation
END VIEW
8 mm
4 mm
TOP VIEW
36
36
36
36
P
P0
P2
F
W
C
D1
D
E
A0
10
° MAX.
t1 (CARRIER TAPE THICKNESS)
Tt (COVER TAPE THICKNESS)
10
° MAX.
B0
K0
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
2.40
± 0.10
2.40
± 0.10
1.20
± 0.10
4.00
± 0.10
1.00 + 0.25
0.094
± 0.004
0.094
± 0.004
0.047
± 0.004
0.157
± 0.004
0.039 + 0.010
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.55
± 0.10
4.00
± 0.10
1.75
± 0.10
0.061 + 0.002
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00 + 0.30 - 0.10
0.254
± 0.02
0.315 + 0.012
0.0100
± 0.0008
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
WIDTH
TAPE THICKNESS
C
Tt
5.40
± 0.10
0.062
± 0.001
0.205 + 0.004
0.0025
± 0.0004
COVER TAPE


Similar Part No. - ATF-36163-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-36163-TR1 HP-ATF-36163-TR1 Datasheet
96Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
More results

Similar Description - ATF-36163-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-36163 HP-ATF-36163 Datasheet
96Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-36163 BOARDCOM-ATF-36163 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163_15 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
Broadcom Corporation.
DEMO-ATF3616-3 BOARDCOM-DEMO-ATF3616-3 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF35076 HP-ATF35076 Datasheet
1Mb / 3P
   2-18 GHz Low Noise Pseudomorphic HEMT
ATF-36077 HP-ATF-36077 Datasheet
47Kb / 4P
   2-18 GHz Ultra Low Noise Pseudomorphic HEMT
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com