Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTV2A-27.0M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # HTV2A-27.0M
Description  5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HTV2A-27.0M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  HTV2A-27.0M Datasheet HTML 1Page - Connor-Winfield Corporation HTV2A-27.0M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
Description:
The Connor Winfield HTV-
Series and the HTVxA-Series
are 5.0V HCMOS,
hermetically sealed, Voltage
Controlled Temperature
Compensated Crystal
Oscillator (VCTCXO). The
HTV-Series and the HTVxA-
Series are designed for
application requiring very tight
frequency stability and low
jitter.
1
2
HTV2A
- 27.0MHz
TCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
5.0V OPERATION
LOW JITTER <1ps RMS
FREQUENCY STABILITY:HTV1
HTV1 / HTV1A: ±0.5ppm: 20 to 40°C
HTV2 / HTV2A: ±1.0ppm: 0 to 50°C
HTV3 / HTV3A: ±2.5ppm: 0 to 70°C
HTV4 / HTV4A: ±5.0ppm: -30 to 70°C
FREQUENCY ADJUST
HERMETICALLY SEALED DIP PACKAGE
5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTVx-Series
HTVxA-Series
Tx127
00
03/11/05
www.conwin.com
CW 0501
HTV2A
27.0M
ABSOLU TE MAX IMUM RATING S
TABLE 1.0
PARAMETER
UNITS MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7
Vdc
Control Voltage
(Vc)
-0.5
-
7
Vdc
MODEL SPECIFICATIONS
MODEL HTV1 / HTV1A
TABLE 2.0
HTV1 -
Frequency Range
(Fo)
.110
-
12.7999
MHz
HTV1A - Frequency Range
(Fo)
12.8
-
60
MHz
Frequency Stability vs. Change in Temperature
-0.5
-
0.5
ppm
Operating Temperature Range
20
-
40
°C
Total Frequency Tolerance
-8.0
-
8.0
ppm
1
MODEL HTV2 / HTV2A
HTV2 -
Frequency Range
(Fo)
.110
-
12.7999
MHz
HTV2A - Frequency Range
(Fo)
12.8
-
60
MHz
Frequency Stability vs. Change in Temperature
-1.0
-
1.0
ppm
Operating Temperature Range
0
-
50
°C
Total Frequency Tolerance
-8.5
-
8.5
ppm
1
MODEL HTV3 / HTV3A
HTV3 -
Frequency Range
(Fo)
.110
-
12.7999
MHz
HTV3A - Frequency Range
(Fo)
12.8
-
60
MHz
Frequency Stability vs. Change in Temperature
-2.5
-
2.5
ppm
Operating Temperature Range
0
-
70
°C
Total Frequency Tolerance
-10.0
-
10.0
ppm
1
MODEL HTV4 / HTV4A
HTV4 -
Frequency Range
(Fo)
.110
-
12.7999
MHz
HTV4A - Frequency Range
(Fo)
12.8
-
60
MHz
Frequency Stability vs. Change in Temperature
-5.0
-
5.0
ppm
Operating Temperature Range
-30
-
70
°C
Total Frequency Tolerance
-12.5
-
12.5
ppm
1
OPERATING SPECIFIC ATIONS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Frequency Calibration @ 25°C
-2.5
-
2.5
ppm
2
Frequency Aging First Year
-2.0
-
2.0
ppm
Frequency Aging Ten Years (Including first year)
-5.0
-
5.0
ppm
Supply Voltage
(Vcc)
4.75
5.0
5.25
Vdc
Supply Current
(Icc)
-
15
35
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
Typical Phase Noise
SSB Phase Noise at 10Hz offset
-
-70
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-100
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-145
-
dBc/Hz
INPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Control Voltage
(Vc)
0.5
2.5
4.5
Vdc
Frequency Adjust Range (0.5 to 4.5V)
±8
-
±35
ppm
3
Frequency Adjust Linearity
-15
-
15
%
Input Impedance
10k
-
-
Ohm


Similar Part No. - HTV2A-27.0M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTV2AG-27.0M CONNOR-WINFIELD-HTV2AG-27.0M Datasheet
139Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
More results

Similar Description - HTV2A-27.0M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTV2AG-27.0M CONNOR-WINFIELD-HTV2AG-27.0M Datasheet
139Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTV546AG CONNOR-WINFIELD-HTV546AG Datasheet
225Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP CRYSTAL OSCILLATOR
HTV546A CONNOR-WINFIELD-HTV546A Datasheet
219Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
HTF2A-19.44M CONNOR-WINFIELD-HTF2A-19.44M Datasheet
205Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTF546AG CONNOR-WINFIELD-HTF546AG Datasheet
158Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTF546A CONNOR-WINFIELD-HTF546A Datasheet
163Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HC54R8RG CONNOR-WINFIELD-HC54R8RG Datasheet
168Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
ATV2G CONNOR-WINFIELD-ATV2G Datasheet
99Kb / 2P
   5.0V 14 Pin DIP HCMOS TCXO
OVB5AC3AB CONNOR-WINFIELD-OVB5AC3AB Datasheet
190Kb / 2P
   14 PIN DIP 5.0V HCMOS OCVCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com