Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-2825-TR2G Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2825-TR2G
Description  Surface Mount RF Schottky Barrier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2825-TR2G Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-2825-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR2G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR2G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR2G Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
RF in
D1
R1
V+
R2
D3
C1
V–
R4
D4
C1 = C2
≈ 100 pF
R1 = R2 = R3 = R4 = 4.7 K
D1 & D2 & D3 & D4 = HSMS-282R
C2
D2
68
R3
Figure 19. Schematic of Suppressed Harmonic Detector.
HSMS-282R
4.7 K
4.7 K
100 pF
100 pF
68
V–
RF in
V+
Figure 20. Layout of Suppressed Harmonic Detector.
Note that the forgoing discussion refers to the output volt‑
age being extracted at point V+ with respect to ground. If
a differential output is taken at V+ with respect to V‑, the
circuit acts as a voltage doubler.
Mixer applications
The HSMS‑282x family, with its wide variety of packaging,
can be used to make excellent mixers at frequencies up
to 6 GHz.
The HSMS‑2827 ring quad of matched diodes (in the SOT‑143
package) has been designed for double balanced mixers.
The smaller (SOT‑363) HSMS‑282R ring quad can similarly
be used, if the quad is closed with external connections as
shown in Figure 21.
HSMS-282R
IF out
RF in
LO in
Figure 21. Double Balanced Mixer.
Both of these networks require a crossover or a three di‑
mensional circuit. A planar mixer can be made using the
SOT‑143 crossover quad, HSMS‑2829, as shown in Figure
22. In this product, a special lead frame permits the cross‑
over to be placed inside the plastic package itself, elimi‑
nating the need for via holes (or other measures) in the RF
portion of the circuit itself.
HSMS-2829
IF out
RF in
LO in
Figure 22. Planar Double Balanced Mixer.
A review of Figure 21 may lead to the question as to why
the HSMS‑282R ring quad is open on the ends. Distor‑
tion in double balanced mixers can be reduced if LO drive
is increased, up to the point where the Schottky diodes
are driven into saturation. Above this point, increased LO
drive will not result in improvements in distortion. The use
of expensive high barrier diodes (such as those fabricated
on GaAs) can take advantage of higher LO drive power,
but a lower cost solution is to use a eight (or twelve) diode
ring quad. The open design of the HSMS‑282R permits this
to easily be done, as shown in Figure 23.
HSMS-282R
IF out
RF in
LO in
Figure 23. Low Distortion Double Balanced Mixer.
This same technique can be used in the single‑balanced
mixer. Figure 24 shows such a mixer, with two diodes in
each spot normally occupied by one. This mixer, with a
sufficiently high LO drive level, will display low distortion.
HSMS-282R
180
°
hybrid
IF out
LO in
RF in
Low pass
filter
Figure 24. Low Distortion Balanced Mixer.
[4] Alan Rixon and Raymond W. Waugh, “A Suppressed Harmonic Power
Detector for Dual Band ‘Phones,” to be published.


Similar Part No. - HSMS-2825-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2825-TR2G HP-HSMS-2825-TR2G Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2825-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281B-BLKG AVAGO-HSMS-281B-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-281X HP-HSMS-281X Datasheet
147Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282X HP-HSMS-282X Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2803 BOARDCOM-HSMS-2803 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2804 BOARDCOM-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2805 BOARDCOM-HSMS-2805 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813 BOARDCOM-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2823 BOARDCOM-HSMS-2823 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2828 BOARDCOM-HSMS-2828 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com