Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9515BD09ZL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9515BD09ZL
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515BD09ZL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9515BD09ZL Datasheet HTML 1Page - Torex Semiconductor XC9515BD09ZL Datasheet HTML 2Page - Torex Semiconductor XC9515BD09ZL Datasheet HTML 3Page - Torex Semiconductor XC9515BD09ZL Datasheet HTML 4Page - Torex Semiconductor XC9515BD09ZL Datasheet HTML 5Page - Torex Semiconductor XC9515BD09ZL Datasheet HTML 6Page - Torex Semiconductor XC9515BD09ZL Datasheet HTML 7Page - Torex Semiconductor XC9515BD09ZL Datasheet HTML 8Page - Torex Semiconductor XC9515BD09ZL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
XC9515 Series
* P_VDD1
・2 stands for P_VDD1=P_VDD2
A_VSS=P_VSS1=P_VSS2=0V
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
P_VDD1・P_VDD2 Pin Voltage
P_VDD1, P_VDD2
-0.3~6.5
V
VOUT1・VOUT2 Pin Voltage
VOUT1, VOUT2
-0.3~6.5
V
Cd Pin Voltage
VCd
-0.3~P_VDD1・2 + 0.3
V
VDOUT Pin Voltage
VDOUT
-0.3~6.5
V
VDOUT Pin Current
IDOUT
10
mA
EN1・EN2・MR Pin Voltage
VEN1, VEN2, VMR
-0.3~6.5
V
LX1・LX2 Pin Voltage
VLx1, VLx2
-0.3~P_VDD1・2+0.3
V
LX1・LX2 Pin Current
ILx1, ILx2
1500
mA
Pd (Free air)
300
Power Dissipation
QFN-20
Pd (Wiring on PCB)
1000
mW
Operating Temperature Range
Topr
-40 ~ +85
oC
Storage Temperature Range
Tstg
-55 ~ +125
oC
Current
Limit
ON/
OFF
Control
Soft
Start
Rdelay
Buffer
Drive
Current
Feedback
Logic
Ramp
Wave
Thermal
Shutdown
OSC
Vre
Current
Limit
Soft
Start
Buffer
Drive
Current
Feedback
Logic
Ramp
Wave
Vre
Error Amp
Error Amp
PWM
Comparator
PWM
Comparator
PVDD1
V
DOUT
LX1
Cd
MR
LX2
P
VDD2
P
VDD
P
VSS1
P
VSS2
V
OUT2
V
OUT1
EN1
EN2
A
VSS
Current
Limit
ON/
OFF
Control
Soft
Start
Rdelay
V
DOUT
LX1
Cd
MR
Buffer
Drive
Current
Feedback
Logic
Ramp
Wave
Thermal
Shutdown
OSC
Vre
Current
Limit
Soft
Start
Buffer
Drive
Current
Feedback
Logic
Ramp
Wave
Vre
Error Amp
Error Amp
PWM
Comparator
PWM
Comparator
LX2
P
VDD2
P
VDD
P
VSS1
P
VSS2
V
OUT2
V
OUT1
EN1
EN2
A
VSS
PVDD1
PVDD1
■BLOCK DIAGRAM
■ABSOLUTE MAXIMUM RATINGS


Similar Part No. - XC9515BD09ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515BD01ZR-G TOREX-XC9515BD01ZR-G Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
More results

Similar Description - XC9515BD09ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515 TOREX-XC9515_1 Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com