Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMR-C130 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMR-C130
Description  High Performance Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMR-C130 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMR-C130 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• High brightness
• Small size
• Industrial standard footprint
• Diffused optics
• Top emitting or right angle emitting
• Compatible with IR soldering
• Compatible for use with light piping
• Available in 8 mm tape on 7" diameter reel
• Reel sealed in zip locked moisture barrier bags
Applications
• LCD backlighting
• Push button backlighting
• Front panel indicator
• Symbol indicator
• Microdisplays
• Small message panel signage
Description
These small chip-type LEDs utilize high efficient and
high brightness InGaN material to deliver competitively
priced high performance blue and green. These 520
nm green and 470 nm blue are unique hues which
provide color differentiation to a product.
These ChipLEDs come in either top emitting packages
(HSMx-C130, C150, C170, C177, C190, C191, C197),
in side emitting packages (HSMx-C110, C120) or in a
reverse mount package (C265). The side emitting
package is especially suitable for LCD backlighting
application. The top emitting packages, with their
wide viewing angle, are suitable for direct backlighting
application or being used with light pipes. In order to
facilitate pick and place operation, these ChipLEDs
are shipped in tape and reel with 4000 units per reel for
HSMx-C120, C130, C170, C177, C190, C191 and
C197 packages, and 3000 units per reel for HSMx-
C110, C150 and C265 packages. All packages are
compatible with IR soldering and binned by both color
and intensity.
HSMQ-C110, HSMQ-C120, HSMQ-C150,
HSMQ-C170, HSMQ-C177, HSMQ-C190,
HSMQ-C191, HSMQ-C197, HSMQ-C265,
HSMR-C110, HSMR-C120, HSMR-C130,
HSMR-C150, HSMR-C170, HSMR-C177,
HSMR-C190, HSMR-C191, HSMR-C197,
HSMR-C265
CAUTION: HSMQ-Cxxx and HSMR-Cxxx LEDs are Class 1A ESD sensitive per JESD22-A114C.01. Please
observe appropriate precautions during handling and processing. Refer to Avago Technologies Application
Note AN-1142 for additional details.
HSMx-C1xx
High Performance Chip LED
Data Sheet


Similar Part No. - HSMR-C130

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMR-C130 HP-HSMR-C130 Datasheet
256Kb / 13P
   Agilent HSMx-C1xx High Performance Chip LED
More results

Similar Description - HSMR-C130

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMR-C110 HP-HSMR-C110 Datasheet
256Kb / 13P
   Agilent HSMx-C1xx High Performance Chip LED
logo
Mitel Networks Corporat...
1A314 MITEL-1A314 Datasheet
49Kb / 2P
   High-Performance LED
logo
Zarlink Semiconductor I...
MF388 ZARLINK-MF388 Datasheet
209Kb / 5P
   High Performance LED
logo
Microsemi Corporation
LX27901 MICROSEMI-LX27901 Datasheet
803Kb / 19P
   High Performance LED Controller
Rev. 1.1
logo
Mitel Networks Corporat...
1A439 MITEL-1A439 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Energizer
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
   High Performance LED Headlight
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Mitel Networks Corporat...
1A301 MITEL-1A301 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com