Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC6105 Datasheet(PDF) 9 Page - Suntac Electronic Corp.

Part # STC6105
Description  Power Supply Supervisor Regulator PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC6105 Datasheet(HTML) 9 Page - Suntac Electronic Corp.

Back Button STC6105 Datasheet HTML 2Page - Suntac Electronic Corp. STC6105 Datasheet HTML 3Page - Suntac Electronic Corp. STC6105 Datasheet HTML 4Page - Suntac Electronic Corp. STC6105 Datasheet HTML 5Page - Suntac Electronic Corp. STC6105 Datasheet HTML 6Page - Suntac Electronic Corp. STC6105 Datasheet HTML 7Page - Suntac Electronic Corp. STC6105 Datasheet HTML 8Page - Suntac Electronic Corp. STC6105 Datasheet HTML 9Page - Suntac Electronic Corp. STC6105 Datasheet HTML 10Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Product Specification
- 9 -
Example of Using STC6105 for the ATX
Power Supply
Protection against over-voltage, short-circuit and
fault conditions is mandatory in PC power supplies. These
protection circuits can be realized by using many discrete
components and comparators, which occupy a lot of PCB
space and also add to assembling costs. This single chip
controller IC provides complete protection circuits, shunt
regulators, and PWM control function and with less
number of components. STC6105 is an ideal controller
IC for PC switching mode power supplies.
The features and benefits of this device are listed
below:
Over-voltage and under-voltage protection for 3.3V,
5V and 12V without external divider
Over-power protection.
UV protection for –12V and/or –5V.
Power-down warning for power good signal.
Power good signal and power-fail lockup
Remote on/off control.
Delay time for PSON and PS-off signal.
Two shunt regulator for 3.3V and 5V-Standby
regulation.
Complete pulse width modulation (PWM) control
circuitry.
On-chip oscillator.
Programmable Soft-Start.
Maximum 93% duty cycle
Few external components
More reliable system
Little space on PCB
Easy trouble-shooting and implementation
FEATURE DESCRIPTIONS
Over voltage protection can be implemented without
any additional components. Over-voltage sense
Levels or 3.3V, 5V, 12V are 4.1V, 6.1V, 14.5V
respectively.
Over current and/or short circuit protection can also
be achieved by using over-power protection, in
which OPP pin is connected to the current
transformer (driver transformer).
The power good signal is asserted to indicate the
3.3V, 5V and 12V is above the under voltage
threshold level. PG pin goes high when the above
condition is reached. A 2K pull up resistor may
connect to5V.
The VCC can be supplied from the 5V-standby.
When the VCC voltage is higher than 7V, besides the
shunt regulator, the circuit of STC6105 will be
shutdown and reset. No extra power supply is
needed.
Two internal high precision 431 shunt regulators are
built-in. It provides stable reference voltages.
Complete PWM control circuitry including the error
amplifier for push-pull or half-bridge operation.
Supervisory Circuit Operation
The PC generates the remote ON/OFF logic (PSON),
which is “Low” for power supply “On” and “High” to
switch off the power supply. The remote ON/OFF is
connected to PSON input.
APPLICATION GUIDES
Introduction
The application guide shows the key-feature of
STC6105
and illustrates how to use in an ATX
switching mode power supply (SMPS). STC6105
is
suitable
for
half-bridge,
push-pull
topology.
It
incorporates with a 4-channel supervisor, including
5V-standby. The PWM section of STC6105 comprises a
built-in 65kHz oscillator and high immunity circuits,
which protect the system from noise interference and
provide more noise margins for improper PCB layout.
STC6105 has OVP and UVP for 12V, 5V and 3.3V.
Besides, the NVP is used for negative voltage protection,
such as –12V and/or –5V. The UVAC (AC fails detection)
is applied to detect AC line condition. Two built-in
internal precision TL431 shunt regulators can be used for
3.3V or 5V auxiliary standby power.
AC Fails Detection
Through a resistor divider, UVAC is connected to
the secondary power transformer for detecting the AC line
condition. Once the voltage of UVAC is lower than 0.7V
for a period of time, such as 200usec, the PG (power good)
signal will be pulled low to indicate an AC line
power-down condition. The voltage amplitude of the
STC6105
Power Supply Supervisor + Regulator + PWM


Similar Part No. - STC6105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STC6.8-10C2 VISHAY-STC6.8-10C2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-15N2 VISHAY-STC6.8-15N2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20C3 VISHAY-STC6.8-20C3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20N3 VISHAY-STC6.8-20N3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-2C1 VISHAY-STC6.8-2C1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
More results

Similar Description - STC6105

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A_09 Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
logo
List of Unclassifed Man...
SG6105 ETC-SG6105 Datasheet
519Kb / 13P
   Power Supply Supervisor Regulator PWM
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A Datasheet
592Kb / 18P
   Power Supply Supervisor Regulator PWM
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
   POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
logo
Fairchild Semiconductor
FAN6103 FAIRCHILD-FAN6103 Datasheet
656Kb / 13P
   Power Supply Supervisor Plus PWM
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com