Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-521P8 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-521P8
Description  High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-521P8 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-521P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
ATF-521P8 Typical Performance Curves (at 25°C unless specified otherwise)
Tuned for Optimal OIP3
Note:
Bias current for the above charts are quiescent conditions. Actual level may increase depending on amount of RF drive.
Figure 8. OIP3 vs. Ids and Vds at 2 GHz.
4.5V
4V
3V
Id (mA)
50
45
40
35
30
25
20
15
10
100
400
200
150
300
350
250
Figure 9. OIP3 vs. Ids and Vds at 900 MHz.
Id (mA)
45
40
35
30
25
20
15
10
100
400
200
150
300
350
250
4.5V
4V
3V
Figure 10. OIP3 vs. Ids and Vds at 3.9 GHz.
Id (mA)
50
45
40
35
30
25
20
15
10
100
400
200
150
300
350
250
4.5V
4V
3V
Figure 11. P1dB vs. Idq and Vds at 2 GHz.
Idq (mA)
35
30
25
20
15
10
100
400
200
150
300
350
250
4.5V
4V
3V
Figure 12. P1dB vs. Idq and Vds at 900 MHz.
4.5V
4V
3V
Idq (mA)
35
30
25
20
15
10
100
400
200
150
300
350
250
Figure 13. P1dB vs. Idq and Vds at 3.9 GHz.
4.5V
4V
3V
Idq (mA)
35
30
25
20
15
10
100
400
200
150
300
350
250
Figure 14. Small Signal Gain vs Ids and Vds
at 2 GHz.
Id (mA)
17
16
15
14
13
12
11
10
100
400
200
150
300
350
250
4.5V
4V
3V
Figure 15. Small Signal Gain vs Ids and Vds
at 900 MHz.
Id (mA)
17
16
15
14
13
12
11
10
100
400
200
150
300
350
250
4.5V
4V
3V
Figure 16. Small Signal Gain vs Ids and Vds
at 3.9 GHz.
Id (mA)
12
11
10
9
8
7
6
5
100
400
200
150
300
350
250
4.5V
4V
3V


Similar Part No. - ATF-521P8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
logo
List of Unclassifed Man...
ATF-521P8-BLK ETC1-ATF-521P8-BLK Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
ATF-521P8-TR1 ETC1-ATF-521P8-TR1 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
More results

Similar Description - ATF-521P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF501P8 HP-ATF501P8 Datasheet
204Kb / 23P
   Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
List of Unclassifed Man...
MGA-425P8 ETC-MGA-425P8 Datasheet
136Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
MGA-425P8 BOARDCOM-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
DEMO-MGA-425P8 BOARDCOM-DEMO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8_07 Datasheet
240Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com