Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9515BD01ZL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9515BD01ZL
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515BD01ZL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9515BD01ZL Datasheet HTML 1Page - Torex Semiconductor XC9515BD01ZL Datasheet HTML 2Page - Torex Semiconductor XC9515BD01ZL Datasheet HTML 3Page - Torex Semiconductor XC9515BD01ZL Datasheet HTML 4Page - Torex Semiconductor XC9515BD01ZL Datasheet HTML 5Page - Torex Semiconductor XC9515BD01ZL Datasheet HTML 6Page - Torex Semiconductor XC9515BD01ZL Datasheet HTML 7Page - Torex Semiconductor XC9515BD01ZL Datasheet HTML 8Page - Torex Semiconductor XC9515BD01ZL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
XC9515
Series
EN1, EN2 and MR pins are internally pulled up so that the levels of High and Open are same function.
EN1, EN2 and MR pins are floated inside so that these pins shall not be left open outside.
*
2) Please refer to the PRODUCTION CLASSIFICATION to see the combination of pull-up status regarding the EN1, EN2, and MR
pins.
PIN
LEVEL
OPERATIONAL STATUS
High , Open
DC/DC_CH1 Operation
EN1
Low
DC/DC_CH1 Stop
High , Open
DC/DC_CH2 Operation
EN2
Low
DC/DC_CH2 Stop
High , Open
VD_OUT Detect RESET Signal Output
MR
Low
VD_OUT Force RESET Signal Output
PIN
LEVEL
OPERATIONAL STATUS
High
DC/DC_CH1 Operation
EN1
Low
DC/DC_CH1 Stop
High
DC/DC_CH2 Operation
EN2
Low
DC/DC_CH2 Stop
High
VD_OUT Detect RESET Signal Output
MR
Low
VD_OUT Force RESET Signal Output
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
:Input Voltage Range 5V±10%, UVLO Voltage 2.7V (TYP.)
Input Voltage & UVLO
B
:Input Voltage Range 2.5V∼5.5V, UVLO Voltage 1.8V (TYP.)
A
:EN1, EN2, MR pins are not pulled up internally
B
:EN1, EN2 pins have built-in pull-up resistors,
MR pin has a built-in pull-up resistor
C
:EN1, EN2 Pins are not pulled up internally,
MR pin has a built-in pull-up resistor
EN & MR logic control conditions
D
:EN1, EN2 pins have built-in pull-up resistors,
MR pin are not pulled up internally
③④
Set Voltage Combinations
01∼
:Based on Torex Standard Product Number
Package
Z
:QFN-20
R
:Embossed tape, Standard feed
Device Orientation
L
:Embossed tape, Reverse feed
■PRODUCT CLASSIFICATION
●Ordering Information (Standard products)
XC9515①②③④⑤⑥
■FUNCTION CHART
●EN1, EN2 and MR pins are internally pulled up. *
2)
●EN1, EN2 and MR pins are left open internally. *
2)


Similar Part No. - XC9515BD01ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515BD01ZR-G TOREX-XC9515BD01ZR-G Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
More results

Similar Description - XC9515BD01ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515 TOREX-XC9515_1 Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com