Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N25 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # 4N25
Description  Phototransistor Optocoupler General Purpose Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

4N25 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  4N25 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N25 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
• Responsetime
(tr:typ.,3µsatVCE=10V,IC=2mA,RL=100Ω)
• CurrentTransferRatio(CTR:min.20%atIF=10mA,
VCE=10V)
• Input-outputisolationvoltage(Viso=2500Vrms)
• Dual-in-linepackage
• ULapproved
• CSAapproved
• IEC/EN/DINEN60747-5-2approved
• Optionsavailable:
–Leadswith0.4"(10.16mm)spacing(W00)
–Leadsbendsforsurfacemounting(300)
–TapeandreelforSMD(500)
–IEC/EN/DINEN60747-5-2approvals(060)
Description
The4N25isanoptocouplerforgeneralpurposeapplica-
tions.Itcontainsalightemittingdiodeopticallycoupled
toaphoto-transistor.Itispackagedina6-pinDIPpack-
ageandavailableinwide-leadspacingoptionandlead
bendSMDoption.Responsetime,tr,istypically3µsand
minimumCTRis20%atinputcurrentof10mA.
Applications
• I/Ointerfacesforcomputers
• Systemappliances,measuringinstruments
• Signaltransmissionbetweencircuitsofdifferent
potentialsandimpedances
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
4N25
Phototransistor Optocoupler General Purpose Type
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - 4N25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
Everlight Electronics C...
4N25 EVERLIGHT-4N25 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Guangdong Youtai Semico...
4N25 UMW-4N25 Datasheet
905Kb / 8P
   The 4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38 series combine an AlGaAs infrared emitting diode as the emitter which is optically coupled to a silicon planar phototransistor detector in a plastic DIP6 package with different lead forming options.
logo
Toshiba Semiconductor
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
   Optically-Coupled Isolator Optoelectronic Products
More results

Similar Description - 4N25

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N25-300E AVAGO-4N25-300E Datasheet
240Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-500E AVAGO-4N35-500E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35 AVAGO-4N35 Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type UL approved
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com