Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1308BCS8-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1308BCS8-PBF
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308BCS8-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT1308BCS8-PBF Datasheet HTML 1Page - Linear Technology LT1308BCS8-PBF Datasheet HTML 2Page - Linear Technology LT1308BCS8-PBF Datasheet HTML 3Page - Linear Technology LT1308BCS8-PBF Datasheet HTML 4Page - Linear Technology LT1308BCS8-PBF Datasheet HTML 5Page - Linear Technology LT1308BCS8-PBF Datasheet HTML 6Page - Linear Technology LT1308BCS8-PBF Datasheet HTML 7Page - Linear Technology LT1308BCS8-PBF Datasheet HTML 8Page - Linear Technology LT1308BCS8-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1308A/LT1308B
1308abfa
TYPICAL PERFORMANCE CHARACTERISTICS
SHDN PIN VOLTAGE (V)
0
50
40
30
20
10
0
8
1308 G07
2
4
6
10
–40
°C
25
°C
85
°C
TEMPERATURE (
°C)
–50
–25
050
25
75
100
1308 • G08
80
70
60
50
40
30
20
10
0
LBI
FB
TEMPERATURE (
°C)
–50
–25
050
25
75
100
1308 • G09
203
202
201
200
199
198
197
196
195
TEMPERATURE (
°C)
–50
–2.5
050
25
75
100
1308 • G10
800
750
700
650
600
550
500
450
400
TEMPERATURE (
°C)
–50
–25
050
25
75
100
1308 • G11
180
170
160
150
140
130
120
110
100
TEMPERATURE (
°C)
–50
–25
050
25
75
100
1308 • G12
1.25
1.24
1.23
1.22
1.21
1.20
1.19
1.18
SHDN Pin Bias Current vs Voltage
FB, LBI Bias Current vs
Temperature
Low Battery Detector Reference
vs Temperature
Oscillator Frequency vs
Temperature
LT1308A Quiescent Current vs
Temperature
Feedback Pin Voltage vs
Temperature
LT1308B
12V Output Efficiency
Switch Saturation Voltage
vs Current
Switch Current Limit vs
Duty Cycle
LOAD CURRENT (mA)
90
85
80
75
70
65
60
55
50
1
100
1000
1308A/B G04
10
VIN = 5V
VIN = 3.3V
SWITCH CURRENT (A)
0
2.0
85
°C
1308 G06
0.5
1.0
1.5
500
400
300
200
100
0
25
°C
–40
°C
DUTY CYCLE (%)
0
3.0
3.5
80
1308 • G05
2.5
2.0
20
40
60
100
4.0


Similar Part No. - LT1308BCS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308BCS8 LINER-LT1308BCS8 Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
More results

Similar Description - LT1308BCS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com