Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-T250 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-T250
Description  1.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-T250 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-T250 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Package Outline Drawings
Standard DIP Package
Gull Wing Surface Mount Option 300
9.65 ± 0.25
(0.380 ± 0.010)
PIN ONE
1.78 (0.070) MAX.
1.19 (0.047) MAX.
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
7.62 ± 0.25
(0.300 ± 0.010)
0.254
5° TYP.
5
6
7
8
4
3
2
1
PIN ONE
DIMENSIONS IN MILLIMETERS AND (INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
DATE CODE
A T250
YYWW
6.35 ± 0.25
(0.250 ± 0.010)
(0.010
+ 0.076
- 0.051
+ 0.003)
- 0.002)
3.56 ± 0.13
(0.140 ± 0.005)
0.635 ± 0.25
(0.025 ± 0.010)
12° NOM.
9.65 ± 0.25
(0.380 ± 0.010)
0.635 ± 0.130
(0.025 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
9.65 ± 0.25
(0.380 ± 0.010)
6.350 ± 0.25
(0.250 ± 0.010)
1.016 (0.040)
1.27 (0.050)
10.9 (0.430)
2.0 (0.080)
LAND PATTERN RECOMMENDATION
1.080 ± 0.320
(0.043 ± 0.013)
3.56 ± 0.13
(0.140 ± 0.005)
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)


Similar Part No. - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250-000E AVAGO-HCPL-T250-000E Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250-060 HP-HCPL-T250-060 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250-060E AVAGO-HCPL-T250-060E Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250-300 HP-HCPL-T250-300 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250-360 AVAGO-HCPL-T250-360 Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com