Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-315J Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-315J
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-315J Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-315J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
PowerSupplyVoltage
(V
CC-VEE)
15
30
Volts
InputCurrent(ON)
I
F(ON)
7
16
mA
InputVoltage(OFF)
V
F(OFF)
-3.6
0.8
V
OperatingTemperature
T
A
-40
100
°C
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
StorageTemperature
T
S
-55
125
°C
OperatingTemperature
T
A
-40
100
°C
AverageInputCurrent
I
F(AVG)
25
mA
1,16
PeakTransientInputCurrent
I
F(TRAN)
1.0
A
(<1µspulsewidth,300pps)
ReverseInputVoltage
V
R
5
Volts
“High”PeakOutputCurrent
I
OH(PEAK)
0.6
A
2,16
“Low”PeakOutputCurrent
I
OL(PEAK)
0.6
A
2,16
SupplyVoltage
(V
CC-VEE)
0
35
Volts
OutputVoltage
V
O(PEAK)
0
V
CC
Volts
OutputPowerDissipation
P
O
250
mW
3,16
TotalPowerDissipation
P
T
295
mW
4,16
LeadSolderTemperature 260°Cfor10sec.,1.6mmbelowseatingplane
SolderReflowTemperatureProfile
SeePackageOutlineDrawingsSection
Insulation and Safety Related Specifications
Parameter Symbol
HCPL-3150
HCPL-315J
Units
Conditions
MinimumExternal
L(101)
7.1
8.3
mm
Measuredfrominputterminals
AirGap
tooutputterminals,shortest
(ExternalClearance)
distancethroughair.
MinimumExternal
L(102)
7.4
8.3
mm
Measuredfrominputterminals
Tracking
tooutputerminals,shortest
(ExternalCreepage)
distancepathalongbody.
MinimumInternal
0.08
≥0.5
mm
Throughinsulationdistance
PlasticGap
conductortoconductor.
(InternalClearance)
TrackingResistance
CTI
≥175
≥175
Volts
DINIEC112/VDE0303Part1
(ComparativeTracking
Index)
IsolationGroup
IIIa
IIIa
MaterialGroup(DINVDE0110,
1/89,Table1)
Option300-surfacemountclassificationisClassAinaccordancewtihCECC00802.


Similar Part No. - HCPL-315J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J-060 HP-HCPL-315J-060 Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J-300 HP-HCPL-315J-300 Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J-500 HP-HCPL-315J-500 Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results

Similar Description - HCPL-315J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com