Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH30N6S2 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FGH30N6S2
Description  600V, SMPS II Series N-Channel IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH30N6S2 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FGH30N6S2_01 Datasheet HTML 3Page - Fairchild Semiconductor FGH30N6S2_01 Datasheet HTML 4Page - Fairchild Semiconductor FGH30N6S2_01 Datasheet HTML 5Page - Fairchild Semiconductor FGH30N6S2_01 Datasheet HTML 6Page - Fairchild Semiconductor FGH30N6S2_01 Datasheet HTML 7Page - Fairchild Semiconductor FGH30N6S2_01 Datasheet HTML 8Page - Fairchild Semiconductor FGH30N6S2_01 Datasheet HTML 9Page - Fairchild Semiconductor FGH30N6S2_01 Datasheet HTML 10Page - Fairchild Semiconductor FGH30N6S2_01 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
TO-247
3 LEAD JEDEC STYLE TO-247 PLASTIC PACKAGE
A
b
b1
c
D
E
L
L1
ØR
12
e1
31
J1
ØS
Q
ØP
BACK VIEW
TERM. 4
3
e
b2
2
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.180
0.190
4.58
4.82
-
b
0.046
0.051
1.17
1.29
2, 3
b1
0.060
0.070
1.53
1.77
1, 2
b2
0.095
0.105
2.42
2.66
1, 2
c
0.020
0.026
0.51
0.66
1, 2, 3
D
0.800
0.820
20.32
20.82
-
E
0.605
0.625
15.37
15.87
-
e
0.219 TYP
5.56 TYP
4
e1
0.438 BSC
11.12 BSC
4
J1
0.090
0.105
2.29
2.66
5
L
0.620
0.640
15.75
16.25
-
L1
0.145
0.155
3.69
3.93
1
ØP
0.138
0.144
3.51
3.65
-
Q
0.210
0.220
5.34
5.58
-
ØR
0.195
0.205
4.96
5.20
-
ØS
0.260
0.270
6.61
6.85
-
NOTES:
1. Lead dimension and finish uncontrolled in L1.
2. Lead dimension (without solder).
3. Add typically 0.002 inches (0.05mm) for solder coating.
4. Position of lead to be measured 0.250 inches (6.35mm) from bottom of dimen-
sion D.
5. Position of lead to be measured 0.100 inches (2.54mm) from bottom of dimen-
sion D.
6. Controlling dimension: Inch.
7. Revision 1 dated 1-93.


Similar Part No. - FGH30N6S2_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Similar Description - FGH30N6S2_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2T FAIRCHILD-FGB30N6S2T Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH20N6S2 FAIRCHILD-FGH20N6S2 Datasheet
183Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH40N6S2 FAIRCHILD-FGH40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH60N6S2 FAIRCHILD-FGH60N6S2 Datasheet
175Kb / 8P
   600V, SMPS II Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com