Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S53R Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # S53R
Description  8 PIN DIP HCMOS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

S53R Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  S53R Datasheet HTML 1Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - S53R

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
S53RG5 CONNOR-WINFIELD-S53RG5 Datasheet
192Kb / 1P
   5.0V 8 PIN DIP TRI-STATE CLOCK OSCILLATOR
More results

Similar Description - S53R

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
H73 CONNOR-WINFIELD-H73 Datasheet
32Kb / 1P
   8 PIN DIP HCMOS
S51 CONNOR-WINFIELD-S51 Datasheet
55Kb / 1P
   8 PIN DIP HCMOS
H42 CONNOR-WINFIELD-H42 Datasheet
52Kb / 1P
   8 PIN DIP HCMOS
H61 CONNOR-WINFIELD-H61 Datasheet
56Kb / 1P
   8 PIN DIP HCMOS
S61 CONNOR-WINFIELD-S61 Datasheet
52Kb / 1P
   8 PIN DIP HCMOS
S55R CONNOR-WINFIELD-S55R Datasheet
60Kb / 1P
   8 PIN DIP HCMOS
H51 CONNOR-WINFIELD-H51 Datasheet
56Kb / 1P
   8 PIN DIP HCMOS
H54 CONNOR-WINFIELD-H54 Datasheet
55Kb / 1P
   8 PIN DIP HCMOS
H61AA CONNOR-WINFIELD-H61AA Datasheet
52Kb / 1P
   3.3Vdc 8 PIN DIP HCMOS
logo
MMD Components
MVBH MMD-MVBH Datasheet
84Kb / 1P
   8 Pin DIP HCMOS VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com