Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1058ACJ Datasheet(PDF) 5 Page - Linear Technology

Part # LT1058ACJ
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1058ACJ Datasheet(HTML) 5 Page - Linear Technology

  LT1058ACJ Datasheet HTML 1Page - Linear Technology LT1058ACJ Datasheet HTML 2Page - Linear Technology LT1058ACJ Datasheet HTML 3Page - Linear Technology LT1058ACJ Datasheet HTML 4Page - Linear Technology LT1058ACJ Datasheet HTML 5Page - Linear Technology LT1058ACJ Datasheet HTML 6Page - Linear Technology LT1058ACJ Datasheet HTML 7Page - Linear Technology LT1058ACJ Datasheet HTML 8Page - Linear Technology LT1058ACJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1057/LT1058
5
10578fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Typical parameters are defined as the 60% yield of distributions of
individual amplifiers; (i.e., out of 100 LT1058s or, 100 LT1057s, typically
240 op amps, or 120 for the LT1057, will be better than the indicated
specification).
Note 3: This parameter is tested on a sample basis only.
The
l denotes the specifications which apply over the temperature range of –55°C ≤ TA ≤ 125°C, VS = ±15V, VCM = 0V,
unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
LT1057AM
LT1058AM
LT1057M
LT1058M
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1057
LT1058
l
l
300
380
1100
1600
400
550
2000
2500
μV
μV
Average Temperature Coefficient
of Input Offset Voltage
LT1057
LT1058 (Note 5)
l
l
2.0
2.5
7
10
2.5
3
12
15
μV/°C
μV/°C
IOS
lnput Offset Current
Warmed Up, TA = 125°C
0.15
2
0.2
3
nA
IB
Input Bias Current
Warmed Up, TA = 125°C
±0.6
±4.5
±0.7
±6
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
l
40
120
30
110
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±10.4V
l
84
97
80
95
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±17V
l
86
100
83
98
dB
VOUT
Output Voltage Swing
RL = 2k
l
±12
±12.7
±12
±12.6
V
IS
Supply Current Per Amplifier
TA = 125°C
1.25
1.9
1.3
2.2
mA
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1057
LT1058S
LT1058IS
l
l
l
0.5
0.6
0.7
2.5
3.0
4.0
mV
Average Temperature Coefficient of
Input Offset Voltage
l
5μV/°C
lOS
Input Offset Current
Warmed Up, TA = 70°C
Warmed Up, TA = 85°C
20
35
250
400
pA
lB
Input Bias Current
Warmed Up, TA = 70°C
Warmed Up, TA = 85°C
±60
±100
±400
±700
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
LT1057
LT1058
l
l
50
40
200
200
mV
CMRR
Common Mode Rejection Ratio
VCM = ±10.5V
LT1057
LT1058
l
l
80
78
96
96
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
LT1057
LT1058
l
l
84
82
100
100
dB
VOUT
Output Voltage Swing
RL = 2k
l
±12
±12.8
V
(LT1057/LT1058 SW Package Only). The
l denotes specifications which
apply over the temperature range of VS = ±15V, VCM = 0V, 0°C ≤ TA ≤ 70°C (LT1057SW, LT1058SW) or –40°C ≤ TA ≤ 85°C
(LT1057ISW, LT1058ISW), unless otherwise noted.
Note 4: Current noise is calculated from the formula:
in = (2qlb)1/2
where q = 1.6 • 10–19 coulomb. The noise of source resistors up to 1G
swamps the contribution of current noise.
Note 5: This parameter is not 100% tested.
Note 6: Gain-bandwidth product is not tested. It is guaranteed by design
and by inference from the slew rate measurement.


Similar Part No. - LT1058ACJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1058AC LINER-LT1058AC Datasheet
869Kb / 12P
   Dual and Quad, JFET Input Precision High Speed Op Amps
More results

Similar Description - LT1058ACJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057 LINER-LT1057 Datasheet
869Kb / 12P
   Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057 LINER-LT1057_12 Datasheet
337Kb / 16P
   Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057 LINER-LT1057_15 Datasheet
337Kb / 16P
   Dual and Quad, JFET Input Precision High Speed Op Amps
LT1058 LINER-LT1058_15 Datasheet
337Kb / 16P
   Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com