Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1073CS8-12 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1073CS8-12
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8-12 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1073CS8-12 Datasheet HTML 3Page - Linear Technology LT1073CS8-12 Datasheet HTML 4Page - Linear Technology LT1073CS8-12 Datasheet HTML 5Page - Linear Technology LT1073CS8-12 Datasheet HTML 6Page - Linear Technology LT1073CS8-12 Datasheet HTML 7Page - Linear Technology LT1073CS8-12 Datasheet HTML 8Page - Linear Technology LT1073CS8-12 Datasheet HTML 9Page - Linear Technology LT1073CS8-12 Datasheet HTML 10Page - Linear Technology LT1073CS8-12 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1073
7
saturation current ratings in the 300mA to 1A range
(depending on application) are adequate. Lastly, the in-
ductor must have sufficiently low DC resistance so that
excessive power is not lost as heat in the windings. An
additional consideration is electro-magnetic interference
(EMI). Toroid and pot core type inductors are recom-
mended in applications where EMI must be kept to a
minimum; for example, where there are sensitive analog
circuitry or transducers nearby. Rod core types are a less
expensive choice where EMI is not a problem.
Specifying a proper inductor for an application requires
first establishing minimum and maximum input voltage,
output voltage and output current. In a step-up converter,
the inductive events add to the input voltage to produce the
output voltage. Power required from the inductor is deter-
mined by:
PL = (VOUT + VD – VIN)(IOUT)
where VD is the diode drop (0.5V for a 1N5818 Schottky).
Maximum power in the inductor is
PE
f
Li
f
L
L
OSC
PEAK
OSC
=
=
1
2
2
where
i
V
R
e
Rt
L
PEAK
IN
ON
=




1–
R = Switch equivalent resistance (1
Ω maximum)
added to the DC resistance of the inductor and tON = ON
time of the switch.
At maximum VIN and ON time, iPEAK should not be allowed
to exceed the maximum switch current shown in Figure 2.
Some input/output voltage combinations will cause con-
tinuous1 mode operation. In these cases a resistor is
needed between ILIM (Pin 1) and VIN (Pin 2) to keep switch
current under control. See the “Using the ILIM Pin” section
for details.
Capacitor Selection
Selecting the right output capacitor is almost as important
as selecting the right inductor. A poor choice for a filter
capacitor can result in poor efficiency and/or high output
ripple. Ordinary aluminum electrolytics, while inexpensive
and readily available, may have unacceptably poor equiva-
lent series resistance (ESR) and ESL (inductance). There
are low-ESR aluminum capacitors on the market specifi-
cally designed for switch-mode DC/DC converters which
work much better than general purpose units. Tantalum
capacitors provide still better performance at more ex-
pense. We recommend OS-CON capacitors from Sanyo
Corporation (San Diego, CA). These units are physically
quite small and have extremely low ESR. To illustrate,
Figures 3, 4, and 5 show the output voltage of an LT1073
based converter with three 100
µF capacitors. The peak
switch current is 500mA in all cases. Figure 3 shows a
Sprague 501D aluminum capacitor. VOUT jumps by over
150mV when the switch turns off, followed by a drop in
voltage as the inductor dumps into the capacitor. This
works out to be an ESR of over 300m
Ω.Figure4showsthe
same circuit, but with a Sprague 150D tantalum capacitor
replacing the aluminum unit. Output jump is now about
30mV, corresponding to an ESR of 60m
Ω. Figure 5 shows
the circuit with an OS-CON unit. ESR is now only 30m
Ω.
In very low power applications where every microampere
is important, leakage current of the capacitor must be
considered. The OS-CON units do have leakage current in
the 5
µA to 10µA range. If the load is also in the
APPLICATIO S I FOR ATIO
VIN (V)
0
1200
1000
800
600
400
200
0
123
4
1073 F02
5
Figure 2. Maximum Switch Current vs Input Voltage
NOTE 1: i.e., inductor current does not go to zero when the switch is off.


Similar Part No. - LT1073CS8-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1073CS8-12 LINER-LT1073CS8-12 Datasheet
1Mb / 19P
   Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results

Similar Description - LT1073CS8-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com