Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1056ACH Datasheet(PDF) 5 Page - Linear Technology

Part # LT1056ACH
Description  Precision, High Speed, JFET Input Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1056ACH Datasheet(HTML) 5 Page - Linear Technology

  LT1056ACH Datasheet HTML 1Page - Linear Technology LT1056ACH Datasheet HTML 2Page - Linear Technology LT1056ACH Datasheet HTML 3Page - Linear Technology LT1056ACH Datasheet HTML 4Page - Linear Technology LT1056ACH Datasheet HTML 5Page - Linear Technology LT1056ACH Datasheet HTML 6Page - Linear Technology LT1056ACH Datasheet HTML 7Page - Linear Technology LT1056ACH Datasheet HTML 8Page - Linear Technology LT1056ACH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1055/LT1056
10556fc
For MIL-STD components, please refer to LTC883 data sheet for test
listing and parameters.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Offset voltage is measured under two different conditions:
(a) approximately 0.5 seconds after application of power; (b) at TA = 25°C
only, with the chip heated to approximately 38
°C for the LT1055 and to
45
°C for the LT1056, to account for chip temperature rise when the device
is fully warmed up.
Note 3: 10Hz noise voltage density is sample tested on every lot of A
grades. Devices 100% tested at 10Hz are available on request.
Note 4: This parameter is tested on a sample basis only.
Note 5: Current noise is calculated from the formula: in = (2qlB)1/2, where
q = 1.6 • 10–19 coulomb. The noise of source resistors up to 1G
Ω swamps
the contribution of current noise.
Note 6: Offset voltage drift with temperature is practically unchanged
when the offset voltage is trimmed to zero with a 100k potentiometer
between the balance terminals and the wiper tied to V+. Devices tested to
tighter drift specifications are available on request.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the temperature range
0
°C ≤ TA ≤ 70°C. VS = ±15V, VCM = 0V, unless otherwise noted.
LT1055CS8/LT1056CS8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 2)
800
2200
µV
Average Temperature Coefficient of Input Offset Voltage
415
µV/°C
IOS
Input Offset Current
Warmed Up, TA = 70°C
18
150
pA
IB
Input Bias Current
Warmed Up, TA = 70°C
±60
±400
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
60
250
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±10.5V
82
98
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
87
103
dB
VOUT
Output Voltage Swing
RL = 2K
±12
±13.1
V


Similar Part No. - LT1056ACH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1056ACH LINER-LT1056ACH Datasheet
301Kb / 12P
   Precision, High Speed, JFET Input Operational Amplifiers
More results

Similar Description - LT1056ACH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
OP-15 LINER-OP-15 Datasheet
424Kb / 4P
   Precision, High Speed JFET-Input Operational Amplifiers
LT1055 LINER-LT1055 Datasheet
301Kb / 12P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055S8 LINER-LT1055S8 Datasheet
162Kb / 3P
   Precision, High Speed, JFET Input Operational Amplifiers?
logo
Analog Devices
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
   Precision JFET-Input Operational Amplifiers
REV. A
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com