Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1181ACN Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1181ACN
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1181ACN Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1181ACN Datasheet HTML 2Page - Linear Integrated Systems LT1181ACN Datasheet HTML 3Page - Linear Integrated Systems LT1181ACN Datasheet HTML 4Page - Linear Integrated Systems LT1181ACN Datasheet HTML 5Page - Linear Integrated Systems LT1181ACN Datasheet HTML 6Page - Linear Integrated Systems LT1181ACN Datasheet HTML 7Page - Linear Integrated Systems LT1181ACN Datasheet HTML 8Page - Linear Integrated Systems LT1181ACN Datasheet HTML 9Page - Linear Integrated Systems LT1181ACN Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1180A/LT1181A
11801afb
PI FU CTIO S
TR1 IN, TR2 IN: RS232 Driver Input Pins. These inputs are
TTL/CMOS compatible. Inputs should not be allowed to
float. Tie unused inputs to VCC.
TR1 OUT, TR2 OUT: Driver Outputs at RS232 Voltage
Levels. Driver output swing meets RS232 levels for loads
up to 3k. Slew rates are controlled for lightly loaded lines.
Output current capability is sufficient for load conditions
up to 2500pF. Outputs are in a high impedance state when
in shutdown mode, VCC = 0V, or when the driver disable
pin is active. Outputs are fully short-circuit protected from
V + 30V to V + – 30V. Applying higher voltages will not
damage the device if the overdrive is moderately current
limited. Short circuits on one output can load the power
supply generator and may disrupt the signal levels of the
other outputs. The driver outputs are protected against
ESD to
±10kV for human body model discharges.
REC1 IN, REC2 IN: Receiver Inputs. These pins accept
RS232 level signals (
±30V) into a protected 5k terminating
resistor. The receiver inputs are protected against ESD to
±10kV for human body model discharges. Each receiver
provides 0.4V of hysteresis for noise immunity. Open
receiver inputs assume a logic low state.
REC1 OUT, REC2 OUT: Receiver outputs with TTL/CMOS
Voltage Levels. Outputs are in a high impedance state
when in shutdown mode to allow data line sharing. Outputs
are fully short-circuit protected to ground or VCC with the
power on, off or in the shutdown mode.
C1+, C1, C2 +, C2 : Commutating Capacitor Inputs.
These pins require two external capacitors C
≥ 0.1µF: one
from C1+ to C1and another from C2+ to C2 . C1 should
be deleted if a separate 12V supply is available and con-
nected to pin C1+. Similarly, C2 should be deleted if a
separate – 12V supply is connected to pin V .
ESD Test Circuit
ESD PROTECTIO
The RS232 line inputs of the LT1180A/LT1181A have on-
chip protection from ESD transients up to
±10kV. The
protection structures act to divert the static discharge
safely to system ground. In order for the ESD protection to
function effectively, the power supply and ground pins of
the circuit must be connected to ground through low
impedances. The power supply decoupling capacitors and
charge pump storage capacitors provide this low imped-
ance in normal application of the circuit. The only con-
straint is that low ESR capacitors must be used for
bypassing and charge storage. ESD testing must be done
with pins VCC, VL, V+, V , and GND shorted to ground or
connected with low ESR capacitors.
LT1180A • ESD TC
RS232
LINE PINS
PROTECTED
TO
±10kV
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
0.1
µF
0.1
µF
NC
C1+
V+
C1
C2+
C2
V
DR2 OUT
LT1180A
ON/OFF
5V VCC
GND
DR1 OUT
RX1 IN
RX1 OUT
DR1 IN
DR2 IN
RS232
LINE PINS
PROTECTED
TO
±10kV
RX2 IN
RX2 OUT
+
0.1
µF
+
0.1
µF
0.1
µF
+
+
+


Similar Part No. - LT1181ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1181ACN LINER-LT1181ACN Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
More results

Similar Description - LT1181ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1381 LINER-LT1381 Datasheet
185Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1180A LINER-LT1180A Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1280A LINER-LT1280A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com