Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1180AISW Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT1180AISW
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1180AISW Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT1180AISW Datasheet HTML 1Page - Linear Integrated Systems LT1180AISW Datasheet HTML 2Page - Linear Integrated Systems LT1180AISW Datasheet HTML 3Page - Linear Integrated Systems LT1180AISW Datasheet HTML 4Page - Linear Integrated Systems LT1180AISW Datasheet HTML 5Page - Linear Integrated Systems LT1180AISW Datasheet HTML 6Page - Linear Integrated Systems LT1180AISW Datasheet HTML 7Page - Linear Integrated Systems LT1180AISW Datasheet HTML 8Page - Linear Integrated Systems LT1180AISW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1180A/LT1181A
11801afb
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the operating temperature
range (0
°C ≤ TA ≤ 70°C for commercial grade, and –40°C ≤ TA ≤ 85°C for industrial grade. (Note 2)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Testing done at VCC = 5V and VON/OFF = 3V, unless otherwise
specified.
Note 3: Supply current is measured as the average over several charge
pump cycles. C + = C = C1 = C2 = 0.1
µF. All outputs are open, with all
driver inputs tied high.
Note 4: Supply current measurements in SHUTDOWN are performed with
VON/OFF ≤ 0.1V.
Note 5: For driver delay measurements, RL = 3k and CL = 51pF. Trigger
points are set between the driver’s input logic threshold and the output
transition to the zero crossing (tHL = 1.4V to 0V and tLH = 1.4V to 0V).
Note 6: For receiver delay measurements, CL = 51pF. Trigger points are
set between the receiver’s input logic threshold and the output transition
to standard TTL/CMOS logic threshold (tHL = 1.3V to 2.4V and tLH = 1.7V
to 0.8V).
Note 7: Data rate operation guaranteed by slew rate, short-circuit current
and propagation delay tests.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ON/OFF Pin Current
0V
≤ VON/OFF ≤ 5V
q
–15
80
µA
Oscillator Frequency
130
kHz
Driver
Output Voltage Swing
Load = 3k to GND
Positive
5.0
7.5
V
Negative
q
– 6.3
– 5.0
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2.0
1.4
V
Logic Input Current
0.8V
≤ VIN ≤ 2.0V
q
520
µA
Output Short-Circuit Current
VOUT = 0V
±917
mA
Output Leakage Current
Shutdown VOUT = ±30V (Note 4)
q
10
100
µA
Date Rate (Note 7)
RL = 3k, CL = 2500pF
120
kBaud
RL = 3k, CL = 1000pF
250
kBaud
Slew Rate
RL = 3k, CL = 51pF
15
30
V/
µs
RL = 3k, CL = 2500pF
47
V/
µs
Propagation Delay
Output Transition tHL High-to-Low (Note 5)
0.6
1.3
µs
Output Transition tLH Low-to-High
0.5
1.3
µs
Receiver
Input Voltage Thresholds
Input Low Threshold (VOUT = High)
C Grade
q
0.8
1.3
V
Input High Threshold (VOUT = Low)
C Grade
q
1.7
2.4
V
Input LowI,
M Grade
q
0.2
1.3
V
Input HighI,
M Grade
q
1.7
3.0
V
Hysteresis
q
0.1
0.4
1.0
V
Input Resistance
VIN = ±10V
3
5
7
k
Output Leakage Current
Shutdown (Note 4) 0
≤ VOUT ≤ VCC
q
110
µA
Output Voltage
Output Low, IOUT = – 1.6mA
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
q
3.5
4.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–20
– 10
mA
Sourcing Current, VOUT = 0V
10
20
mA
Propagation Delay
Output Transition tHL High-to-Low (Note 6)
250
600
ns
Output Transition tLH Low-to-High
350
600
ns


Similar Part No. - LT1180AISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1180AISW LINER-LT1180AISW Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
More results

Similar Description - LT1180AISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1381 LINER-LT1381 Datasheet
185Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1180A LINER-LT1180A Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1280A LINER-LT1280A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com