Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP320F2802438A Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP320F2802438A
Description  TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2802438A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP320F2802438A Datasheet HTML 2Page - Texas Instruments TMP320F2802438A Datasheet HTML 3Page - Texas Instruments TMP320F2802438A Datasheet HTML 4Page - Texas Instruments TMP320F2802438A Datasheet HTML 5Page - Texas Instruments TMP320F2802438A Datasheet HTML 6Page - Texas Instruments TMP320F2802438A Datasheet HTML 7Page - Texas Instruments TMP320F2802438A Datasheet HTML 8Page - Texas Instruments TMP320F2802438A Datasheet HTML 9Page - Texas Instruments TMP320F2802438A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Advisory — ADC: Initial Conversion
www.ti.com
Advisory
ADC: Initial Conversion
Revision(s) Affected
0
Details
When the ADC conversions are initiated by any source of trigger, the first sample may
not be the correct conversion result.
Workaround(s)
Discard the first sample at the beginning of every series of conversions. For instance, if
the application calls for a given series of conversions, SOC0
→SOC1→SOC2, to initiate
periodically, then setup the series instead as SOC0
→SOC1→SOC2→SOC3 and only
use the last three conversions, ADCRESULT1, ADCRESULT2, ADCRESULT3, thereby
discarding ADCRESULT0.
Each application should validate this as acceptable in their application.
Advisory
Memory: Prefetching Beyond Valid Memory
Revision(s) Affected
0
Details
The C28x CPU prefetches instructions beyond those currently active in its pipeline. If the
prefetch occurs past the end of valid memory, then the CPU may receive an invalid
opcode.
Workaround
The prefetch queue is 8x16 words in depth. Therefore, code should not come within 8
words of the end of valid memory. This restriction applies to all memory regions and all
memory types (flash, OTP, SARAM) on the device. Prefetching across the boundary
between two valid memory blocks is ok.
Example 1: M1 ends at address 0x7FF and is not followed by another memory block.
Code in M1 should be stored no farther than address 0x7F7. Addresses 0x7F8-0x7FF
should not be used for code.
Example 2: M0 ends at address 0x3FF and valid memory (M1) follows it. Code in M0
can be stored up to and including address 0x3FF. Code can also cross into M1 up to
and including address 0x7F7.
8
TMS320x2802x Piccolo MCU Silicon Errata
SPRZ292 – December 2008
Submit Documentation Feedback


Similar Part No. - TMP320F2802438A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320F28027PTA TI1-TMP320F28027PTA Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMP320F28027PTA TI1-TMP320F28027PTA Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMP320F2802438A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com