Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1129CQ-5 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT1129CQ-5
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1129CQ-5 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT1129CQ-5 Datasheet HTML 7Page - Linear Integrated Systems LT1129CQ-5 Datasheet HTML 8Page - Linear Integrated Systems LT1129CQ-5 Datasheet HTML 9Page - Linear Integrated Systems LT1129CQ-5 Datasheet HTML 10Page - Linear Integrated Systems LT1129CQ-5 Datasheet HTML 11Page - Linear Integrated Systems LT1129CQ-5 Datasheet HTML 12Page - Linear Integrated Systems LT1129CQ-5 Datasheet HTML 13Page - Linear Integrated Systems LT1129CQ-5 Datasheet HTML 14Page - Linear Integrated Systems LT1129CQ-5 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1129/LT1129-3.3/LT1129-5
112935fc
Calculating Junction Temperature
Example: Given an output voltage of 3.3V, an input voltage
range of 4.5V to 5.5V, an output current range of 0mA to
500mA, and a maximum ambient temperature of 50°C,
what will the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT MAX • (VIN MAX – VOUT) + (IGND • VIN MAX)
where, IOUT MAX = 500mA
VIN MAX = 5.5V
IGND at (IOUT = 500mA, VIN = 5.5V) = 25mA
so,
P = 500mA • (5.5V – 3.3V) + (25mA • 5.5V)
= 1.24W
If we use a DD package, then the thermal resistance will be
in the range of 25°C/W to 35°C/W depending on copper
area. So the junction temperature rise above ambient will
be approximately equal to:
1.24W • 30°C/W = 37.2°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJMAX = 50°C + 37.2°C = 87.2°C
Output Capacitance and Transient Performance
The LT1129 is designed to be stable with a wide range of
output capacitors. The minimum recommended value is
3.3µF with an ESR of 2Ω or less. The LT1129 is a
micropower device and output transient response will be
a function of output capacitance. See the Transient Re-
sponse curves in the Typical Performance Characteristics.
Larger values of output capacitance will decrease the peak
deviations and provide improved output transient re-
sponse. Bypass capacitors, used to decouple individual
components powered by the LT1129, will increase the
effective value of the output capacitor.
Protection Features
The LT1129 incorporates several protection features which
make it ideal for use in battery-powered circuits. In addi-
tion to the normal protection features associated with
monolithic regulators, such as current limiting and ther-
mal limiting, the device is protected against reverse input
voltages, and reverse voltages from output to input. For
fixed voltage devices the output and sense pins are tied
together at the output.
Current limit protection and thermal overload protection
are intended to protect the device against current overload
conditions at the output of the device. For normal opera-
tion, the junction temperature should not exceed 125°C.
The input of the device will withstand reverse voltages of
30V. Current flow into the device will be limited to less than
1mA (typically less than 100µA) and no negative voltage
will appear at the output. The device will protect both itself
and the load. This provides protection against batteries
that can be plugged in backwards.
For fixed voltage versions of the device, the sense pin is
internally clamped to one diode drop below ground. For
the adjustable version of the device, the output pin is
internally clamped at one diode drop below ground. If the
output pin of an adjustable device, or the sense pin of a
fixed voltage device, is pulled below ground, with the input
open or grounded, current must be limited to less than
5mA.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to
ground, pulled to some intermediate voltage, or is left
open circuit. Current flow back into the output will vary
depending on the conditions. Many battery-powered cir-
cuits incorporate some form of power management. The
following information will help optimize battery life. Table 3
summarizes the following information.
The reverse output current will follow the curve in Figure 3
when the input pin is pulled to ground. This current flows
through the output pin to ground. The state of the shut-
down pin will have no effect on output current when the
input pin is pulled to ground.
APPLICATIO S I FOR ATIO


Similar Part No. - LT1129CQ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129CQ-5 LINER-LT1129CQ-5 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CQ-5 LINER-LT1129CQ-5 Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129CQ-5 LINER-LT1129CQ-5 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CQ-5 LINER-LT1129CQ-5 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129CQ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com