Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1115 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT1115
Description  Ultralow Noise, Low Distortion, Audio Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1115 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT1115 Datasheet HTML 1Page - Linear Integrated Systems LT1115 Datasheet HTML 2Page - Linear Integrated Systems LT1115 Datasheet HTML 3Page - Linear Integrated Systems LT1115 Datasheet HTML 4Page - Linear Integrated Systems LT1115 Datasheet HTML 5Page - Linear Integrated Systems LT1115 Datasheet HTML 6Page - Linear Integrated Systems LT1115 Datasheet HTML 7Page - Linear Integrated Systems LT1115 Datasheet HTML 8Page - Linear Integrated Systems LT1115 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1115
2
1115fa
Operating Temperature Range ..................... 0°C to 70°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Supply Voltage ...................................................... ±22V
Differential Input Current (Note 5) ...................... ±25mA
Input Voltage ............................ Equal to Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
TOP VIEW
8
7
6
5
–IN
+IN
V
OUT
V+
VOS
TRIM
VOS
TRIM
OVER-
COMP
N PACKAGE
8-LEAD PDIP
TJMAX = 115°C, θJA = 130°C/W
ORDER
PART NUMBER
LT1115CN8
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
TMAX = 115°C, θJA = 130°C/W
16
15
14
13
12
11
10
9
NC
NC
TRIM
–IN
+IN
V
NC
NC
NC
TRIM
V +
OVERCOMP
NC
NC
NC
OUTPUT
LT1115CSW
ORDER
PART NUMBER
LT1115 • POI01
+
+
ABSOLUTE
AXI U
RATI GS
PACKAGE DESCRIPTIO
ELECTRICAL CHARACTERISTICS V
S = ±18V, TA = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
THD
Total Harmonic Distortion at 10kHz
Av = –10, VO = 7VRMS, RL = 600
< 0.002
%
IMD
Inter-Modulation Distortion (CCIF)
Av = 10, VO = 7VRMS, RL = 600
< 0.0002
%
V
OS
Input Offset Voltage
(Note 2)
50
200
µV
I
OS
Input Offset Current
VCM = 0V
30
200
nA
I
B
Input Bias Current
VCM = 0V
±50
±380
nA
en
Input Noise Voltage Density
fo = 10Hz
1.0
nV/√Hz
fo = 1000Hz, 100% tested
0.9
1.2
nV/√Hz
Wideband Noise
DC to 20kHz
120
nVRMS
Corresponding Voltage Level
– 136
dB
re 0.775V
in
Input Noise Current Density
fo = 10Hz
4.7
pA/√Hz
(Note 3)
fo = 1000Hz, 100% tested
1.2
2.2
pA/√Hz
Input Resistance
Common Mode
250
MΩ
Differential Mode
15
kΩ
Input Capacitance
5pF
Input Voltage Range
±13.5
±15.0
V


Similar Part No. - LT1115

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
LT1115 LINER-LT1115 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
LT1115C LINER-LT1115C Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
LT1115CN8 LINER-LT1115CN8 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
LT1115CS LINER-LT1115CS Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
More results

Similar Description - LT1115

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com