Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1101ACN8 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT1101ACN8
Description  Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1101ACN8 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT1101ACN8 Datasheet HTML 1Page - Linear Integrated Systems LT1101ACN8 Datasheet HTML 2Page - Linear Integrated Systems LT1101ACN8 Datasheet HTML 3Page - Linear Integrated Systems LT1101ACN8 Datasheet HTML 4Page - Linear Integrated Systems LT1101ACN8 Datasheet HTML 5Page - Linear Integrated Systems LT1101ACN8 Datasheet HTML 6Page - Linear Integrated Systems LT1101ACN8 Datasheet HTML 7Page - Linear Integrated Systems LT1101ACN8 Datasheet HTML 8Page - Linear Integrated Systems LT1101ACN8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1101
1101fa
Gain Error: 0.04% Max
Gain Nonlinearity: 0.0008% (8ppm) Max
Gain Drift: 4ppm/°C Max
Supply Current: 105µA Max
Offset Voltage: 160µV Max
Offset Voltage Drift: 0.4µV/°C Typ
Offset Current: 600pA Max
CMRR, G = 100: 100dB Min
0.1Hz to 10Hz Noise: 0.9µVp-p Typ
2.3pAp-p Typ
Gain Bandwidth Product: 250kHz Min
Single or Dual Supply Operation
Surface Mount Package Available
The LT
®1101 establishes the following milestones:
(1) It is the first micropower instrumentation amplifier,
(2) It is the first single supply instrumentation amplifier,
(3) It is the first instrumentation amplifier to feature fixed
gains of 10 and/or 100 in low cost, space-saving 8-lead
packages.
The LT1101 is completely self-contained: no external gain
setting resistor is required. The LT1101 combines its
micropower operation (75µA supply current) with a
gain error of 0.008%, gain linearity of 3ppm, gain drift of
1ppm/°C. The output is guaranteed to drive a 2k load to
±10V with excellent gain accuracy.
Other precision specifications are also outstanding:
50µV input offset voltage, 130pA input offset current, and
low drift (0.4µV/°C and 0.7pA/°C). In addition, unlike other
instrumentation amplifiers, there is no output offset
voltage contribution to total error.
A full set of specifications are provided with ±15V dual
supplies and for single 5V supply operation. The LT1101
can be operated from a single lithium cell or two Ni-Cad
batteries. Battery voltage can drop as low as 1.8V, yet the
LT1101 still maintains its gain accuracy. In single supply
applications, both input and output voltages swing
to within a few millivolts of ground. The output sinks
current while swinging to ground—no external, power
consuming pull down resistors are needed.
Precision, Micropower,
Single Supply Instrumentation
Amplifier (Fixed Gain = 10 or 100)
FEATURES
APPLICATIO S
DESCRIPTIO
Differential Signal Amplification in Presence of
Common Mode Voltage
Micropower Bridge Transducer Amplifier
– Thermocouples
– Strain Gauges
– Thermistors
Differential Voltage-to-Current Converter
Transformer Coupled Amplifier
4mA to 20mA Bridge Transmitter
, LTC and LT are registered trademarks of Linear Technology Corporation.
Gain Error Distribution
GAIN ERROR (%)
–0.04
0
5
10
15
20
–0.02
0
0.02
0.04
25
30
–0.03
–0.01
0.01
0.03
LT1101 • TA02
930 UNITS
TESTED
IN ALL PACKAGES
G = 100
RL = 50k
TA = 25°C
TYPICAL APPLICATIO
+
LT1101 • TA01
OUTPUT
90R
9R
90R
9R
R
AB
R ≈ 9.2k
R
V+
V
INVERTING
INPUT
GROUND PIN 1, OUTPUT AT PIN 8
G = 100: NO ADDITIONAL CONNECTIONS
G = 10: SHORT PIN 2 TO PIN 1, SHORT PIN 7 TO PIN 8
SHORT TO 1,
G = 10
N.C. G = 100
GROUND
(REF)
8
7
6
5
4
3
2
1
SHORT TO 8
G = 10
N.C. G = 100
NONINVERTING
INPUT


Similar Part No. - LT1101ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101ACN8 LINER-LT1101ACN8 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
More results

Similar Description - LT1101ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
LT1102 LINER-LT1102_07 Datasheet
183Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
   High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com