Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1014CN Datasheet(PDF) 6 Page - Linear Technology

Part # LT1014CN
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014CN Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1014CN Datasheet HTML 2Page - Linear Technology LT1014CN Datasheet HTML 3Page - Linear Technology LT1014CN Datasheet HTML 4Page - Linear Technology LT1014CN Datasheet HTML 5Page - Linear Technology LT1014CN Datasheet HTML 6Page - Linear Technology LT1014CN Datasheet HTML 7Page - Linear Technology LT1014CN Datasheet HTML 8Page - Linear Technology LT1014CN Datasheet HTML 9Page - Linear Technology LT1014CN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LT1013/LT1014
10134fc
Offset Voltage Drift with
Temperature of Representative
Units
TEMPERATURE (
°C)
–50
200
100
0
–100
–200
0
50
75
–25
25
100
125
VS = ±15V
1013/14 TPC01
TIME AFTER POWER ON (MINUTES)
0
5
4
3
2
1
0
4
1
2
3
5
VS = ±15V
TA = 25°C
LT1013 CERDIP (J) PACKAGE
LT1013 METAL CAN (H) PACKAGE
LT1014
1013/14 TPC03
Warm-Up Drift
BALANCED SOURCE RESISTANCE (
Ω)
1k
3k
10k 30k 100k 300k 1M
3M 10M
10
1
0.1
0.01
VS = 5V, 0V, –55°C TO 125°C
VS = ±15V, 0V, –55°C TO 125°C
VS = 5V, 0V, 25°C
VS = ±15V, 0V, 25°C
+
RS
RS
1013/14 TPC02
Offset Voltage vs Balanced
Source Resistance
Common Mode Rejection Ratio
vs Frequency
0.1Hz to 10Hz Noise
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10
120
100
80
60
40
20
0
100
1k
10k
100k
1M
VS = 5V, 0V
VS = ±15V
TA = 25°C
1013/14 TPC04
FREQUENCY (Hz)
0.1
120
100
80
60
40
20
0
100
10k
110
1k
100k
1M
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
VS = ±15V + 1VP-P SINE WAVE
TA = 25°C
1013/14 TPC05
TIME (SECONDS)
0
8
2
4
6
10
TA = 25°C
VS = ±2V TO ±18V
1013/14 TPC06
10Hz Voltage Noise
Distribution
Noise Spectrum
Supply Current vs Temperature
FREQUENCY (Hz)
1
1000
100
10
300
30
10
100
1k
CURRENT NOISE
VOLTAGE NOISE
1/f CORNER 2Hz
TA = 25°C
VS = ±2V TO ±18V
1013/14 TPC07
VOLTAGE NOISE DENSITY (nV/
√Hz)
10
200
180
160
140
120
100
80
60
40
20
0
50
20
30
40
60
VS = ±15V
TA = 25°C
328 UNITS TESTED
FROM THREE RUNS
1013/14 TPC08
TEMPERATURE (
°C)
–50
460
420
380
340
300
260
0
50
75
–25
25
100
125
VS = ±15V
VS = 5V, 0V
1013/14 TPC09
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1014CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014CN TI-LT1014CN Datasheet
631Kb / 30P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1014CN LINER-LT1014CN Datasheet
545Kb / 20P
   Quad Precision Op Amp
logo
Texas Instruments
LT1014CN TI-LT1014CN Datasheet
869Kb / 32P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Integrated Syste...
LT1014CN LINEAR-LT1014CN Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
LT1014CN LINEAR-LT1014CN Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1014CN

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
   Dual Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Linear Technology
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com