Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1017CH Datasheet(PDF) 3 Page - Linear Technology

Part # LT1017CH
Description  Micropower Dual Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1017CH Datasheet(HTML) 3 Page - Linear Technology

  LT1017CH Datasheet HTML 1Page - Linear Technology LT1017CH Datasheet HTML 2Page - Linear Technology LT1017CH Datasheet HTML 3Page - Linear Technology LT1017CH Datasheet HTML 4Page - Linear Technology LT1017CH Datasheet HTML 5Page - Linear Technology LT1017CH Datasheet HTML 6Page - Linear Technology LT1017CH Datasheet HTML 7Page - Linear Technology LT1017CH Datasheet HTML 8Page - Linear Technology LT1017CH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1017/LT1018
3
10178ff
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range of – 55°C to 85°C for M grade parts, –40°C to 85°C for I grade parts and 0°C to 70°C for C grade parts.
PARAMETER
CONDITIONS
MIN
LT1017
TYP
MAX
MIN
LT1018
TYP
MAX
UNITS
Offset Voltage
(Note 2)
± 0.75V ≤ VS ≤ ±20V
25°C
125°C
0.4
0.5
1
1.4
5
0.4
0.5
0.7
1
1.4
1.5
mV
mV
mV
Bias Current
±0.75V ≤ VS ≤ ±20V
25°C
125°C
5
7
10
15
25
60
15
18
75
100
110
nA
nA
nA
Offset Current
±0.75V ≤ VS ≤ ±20V
25°C
125°C
0.4
0.5
2
3
20
1
1.6
8
12
20
nA
nA
nA
Common Mode Rejection Ratio
VS = ±20V, –20V ≤ VCM ≤ 19.1V
25°C
125°C
105
100
82
115
115
100
105
100
95
115
115
110
dB
dB
dB
Power Supply Rejection Ratio
±0.75V ≤ VS ≤ ±20V
25°C
125°C
96
95
82
110
105
96
95
86
110
105
100
dB
dB
dB
Gain
No Load, VOUT = ±19.9V (Note 3)
25°C
125°C
110
105
100
115
115
110
105
100
125
120
dB
dB
dB
RL = 4k, VOUT = ±19V
25°C
100
94
110
100
94
110
dB
dB
Output Sink Current
V+ = 4.5V, V= 0V
Overdrive > 30mV
25°C
125°C
30
25
10
65
50
20
35
25
10
70
50
30
mA
mA
mA
Output Source Current
V+ = 40V, V= 0V
VIN = 5mV, VOUT = 0.4V
25°C
125°C
30
25
25
75
70
75
75
50
50
250
220
200
μA
μA
μA
V+ = 1.2V, V= 0V
VIN = 5mV, VOUT = 0.4V
25°C
125°C
25
15
25
35
20
40
70
45
40
140
120
110
μA
μA
μA
Negative Output Saturation
IOUT = 0mA
V+ = 4.5V, V= 0V
= 0.1mA
VIN = –10mV
= 1mA
= 10mA
= 30mA
25°C
25°C
25°C
25°C
25°C
5
35
60
120
350
20
60
120
200
600
5
35
60
120
350
15
60
120
250
700
mV
mV
mV
mV
mV
IOUT = 0mA
V+ = 4.5V, V= 0V
= 0.1mA
VIN = –10mV
= 1mA
= 10mA
= 30mA
5
40
75
150
600
20
75
150
300
900
8
35
70
150
500
20
70
150
300
900
mV
mV
mV
mV
mV
IOUT = 0mA
V+ = 4.5V, V= 0V
= 0.1mA
VIN = –10mV
= 1mA
= 10mA
= 30mA
125°C
125°C
125°C
125°C
125°C
25
60
100
300
50
100
200
600
10
60
110
300
900
40
100
200
400
mV
mV
mV
mV
mV
Positive Output Saturation
IOUT = 0μA
= 10μA
= 0μA
= 10μA
= 0μA
= 10μA
25°C
25°C
125°C
125°C
40
175
45
190
50
80
250
90
300
100
300
35
175
45
190
50
80
250
90
300
100
300
mV
mV
mV
mV
mV
mV


Similar Part No. - LT1017CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1017CH LINER-LT1017CH Datasheet
618Kb / 8P
   Micropower Dual Comparator
More results

Similar Description - LT1017CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
   Dual Micropower Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
   Dual Micropower Comparator
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
Texas Instruments
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com