Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPLD54TBX4 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part No. FPLD54TBX4
Description  3.3V SURFACE MOUNT LVPECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

FPLD54TBX4 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Ec204
01
04/11/07
N/C
ENABLE / DISABLE
GROUND
Q OUTPUT
Q OUTPUT
Vcc
80%
50%
20%
N/C
E/D
Vcc = Vcc2 = 3.3Vdc
100°C
150°C
225°C
25°C
183°C
360 Sec. Max.
60-120s
Max.
60-150s Max.
Time
Temperature
225°C
0
tp
Ramp-Down Rate
6°C/second max.
10-30s
Ramp-Up Rate
3°C/second max.
from 150°C to 225°C.
Package Outline
Suggested Pad Layout
Output Waveform
Pin Connections
Test Circuit
Solder Profile


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FPLA524SURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation
FPLD54TBGSURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation
FPLA541SURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation
FPLA542SURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation
FPLA543SURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation
EML52343.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR 1 2 Connor-Winfield Corporation
FPLA544SURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation
FPLA544GSURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation
FPLA554GSURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation
FPLD52TBSURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn