Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1082CT Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LT1082CT
Description  1A High Voltage, Efficiency Switching Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1082CT Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LT1082CT Datasheet HTML 4Page - Linear Integrated Systems LT1082CT Datasheet HTML 5Page - Linear Integrated Systems LT1082CT Datasheet HTML 6Page - Linear Integrated Systems LT1082CT Datasheet HTML 7Page - Linear Integrated Systems LT1082CT Datasheet HTML 8Page - Linear Integrated Systems LT1082CT Datasheet HTML 9Page - Linear Integrated Systems LT1082CT Datasheet HTML 10Page - Linear Integrated Systems LT1082CT Datasheet HTML 11Page - Linear Integrated Systems LT1082CT Datasheet HTML 12Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1082
sn1082 1082fas
S
APPLICATI
TYPICAL
Totally Isolated Converter
VIN
GND
VC
LT1082
VIN
30V
to 70V
MINIMUM LOAD OF 0.15A IS REQUIRED
FOR EACH OUTPUT. (SEE AN19)
1082 TA03
+
VSW
FB
+
+
MUR110
3k
0.01
µF
COM
25
µF
25V
LPRI
500
µH
MUR110
MUR110
200
µF
200
µF
1
1
15V
AT 0.3A
–15V
AT 0.3A
7k
1.24:1
Boost Converter
VIN
GND
VC
LT1082
VIN
15V
1082 TA04
VSW
FB
VOUT
90V AT 120mA
4.7k
0.033
µF
25
µF
1mH, 1A
1.1k
+
78.8k
0.22
µF
100
µF
MUR110
+
J8 1298
0.014 – 0.026
(0.360 – 0.660)
0.015 – 0.060
(0.381 – 1.524)
0.125
3.175
MIN
0.100
(2.54)
BSC
0.300 BSC
(0.762 BSC)
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
0.045 – 0.065
(1.143 – 1.651)
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
0.200
(5.080)
MAX
0.005
(0.127)
MIN
0.405
(10.287)
MAX
0.220 – 0.310
(5.588 – 7.874)
12
3
4
87
65
0.025
(0.635)
RAD TYP
NOTE: LEAD DIMENSIONS APPLY TO SOLDER
DIP/PLATE OR TIN PLATE LEADS
OBSOLETE PACKAGE
J8 Package
8-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
PACKAGE DESCRIPTIO


Similar Part No. - LT1082CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1082CT LINER-LT1082CT Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
More results

Similar Description - LT1082CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1082 LINER-LT1082_15 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
LT1082 LINER-LT1082 Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com