Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1008CN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1008CN8
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1008CN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1008CN8 Datasheet HTML 6Page - Linear Technology LT1008CN8 Datasheet HTML 7Page - Linear Technology LT1008CN8 Datasheet HTML 8Page - Linear Technology LT1008CN8 Datasheet HTML 9Page - Linear Technology LT1008CN8 Datasheet HTML 10Page - Linear Technology LT1008CN8 Datasheet HTML 11Page - Linear Technology LT1008CN8 Datasheet HTML 12Page - Linear Technology LT1008CN8 Datasheet HTML 13Page - Linear Technology LT1008CN8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1008
1008fb
+
1
30pF
330pF
100pF
2k
124k*
5.1k
1k
TEL. LABS
TYPE Q81
Q1A
2N2979
–15V OUTPUT
15V
10k*
15.7k
8
7
6
*1% FILM RESISTOR
LOW BIAS CURRENT AND OFFSET VOLTAGE OF THE LT1008
ALLOW 4.5 DECADES OF VOLTAGE INPUT LOGGING
6
2
15V
LT1004C
1.2V
3
2
INPUT
3
4
LT1008
Q1B
2N2979
LM107
Logarithmic Amplifier
+
LT1008
2
1008 TA04
3
R6
56M
6
OUTPUT
VOLTAGE GAIN
≈ 100
1
V+
T
8
C1
30pF
R5
56M
R2
100k
R1
100k
S1
100k
R3
510k
R4
510k
T
S2
100k
+
1
1000pF
1.018235V
SATURATED
STANDARD
CELL #101
EPPLEY LABS
NEWPORT, R.I.
THE TYPICAL 30pA BIAS CURRENT OF THE LT1008 WILL
DEGRADE THE STANDARD CELL BY ONLY 1ppm/YEAR.
NOISE IS A FRACTION OF A ppm. UNPROTECTED GATE
MOSFET ISOLATES STANDARD CELL ON POWER DOWN
–15V
15V
OUTPUT
2N3609
R2
R1
1008 TA05
8
7
6
3
2
4
LT1008
+
Amplifier for Bridge Transducers
Saturated Standard Cell Amplifier
TYPICAL APPLICATIO S
+
1000pF
10k
10k
30pF
8
1008 AI06
6
OUTPUT
*SOURCE RESISTANCE
≤15k FOR STABILITY
LT1008
2
INPUT*
3
Follower Feedforward Compensation
APPLICATIO S I FOR ATIO
5
μs/DIV
1008 AI07


Similar Part No. - LT1008CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1008CN8 LINER-LT1008CN8 Datasheet
946Kb / 12P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
More results

Similar Description - LT1008CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT012S8 LINER-LT012S8 Datasheet
164Kb / 3P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp
LT1012 LINER-LT1012_15 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1008 LINER-LT1008 Datasheet
946Kb / 12P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
LT1012 LINER-LT1012 Datasheet
335Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1008 LINER-LT1008_15 Datasheet
281Kb / 16P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012A LINER-LT1012A_15 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1024 LINER-LT1024_15 Datasheet
180Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024 LINER-LT1024_1 Datasheet
174Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024 LINER-LT1024 Datasheet
719Kb / 8P
   Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com