Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1013
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1013_1 Datasheet HTML 9Page - Linear Technology LT1013_1 Datasheet HTML 10Page - Linear Technology LT1013_1 Datasheet HTML 11Page - Linear Technology LT1013_1 Datasheet HTML 12Page - Linear Technology LT1013_1 Datasheet HTML 13Page - Linear Technology LT1013_1 Datasheet HTML 14Page - Linear Technology LT1013_1 Datasheet HTML 15Page - Linear Technology LT1013_1 Datasheet HTML 16Page - Linear Technology LT1013_1 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LT1013/LT1014
10134fc
5V Powered Motor Speed Controller
No Tachometer Required
A1
1/2 LT1013
2
3
1
6
5
7
100k
0.47
330k
1M
6.8M
2k
0.068
A2
1/2 LT1013
5V
8
4
EIN
0V–3V
2k
3.3M
Q1
2N3904
0.47
0.068
Q2
1N4148
1N4148
2k
82
Ω
1k
+5V
Q3
2N5023
+
1N4001
1N4001
47
MOTOR = CANON–FN30–R13N1B.
A1 DUTY CYCLE MODULATES MOTOR.
A2 SAMPLES MOTORS BACK EMF.
1/4 CD4016
1013/14 TA09
LT1013
6
5
7
8
4
1k
4.7M
120k
2N2222
OUTPUT
100K*
6.19K
0.005
LT1013
2
3
1
1N4148
LT1004
1.2V
100k
100
Ω
10
Ω
20k
0.33
0.1
+5V
1N4148
1N4148
1N4148
0.05
2N2222
2N2222
2N2222
4.7k
820
270
Ω
820
1N4148
TTL INPUT
1N4148
+5V
MEETS ALL VPP PROGRAMMING SPECS WITH NO TRIMS AND
RUNS OFF 5V SUPPLY—NO EXTERNAL HIGH VOLTAGE SUPPLY REQUIRED.
SUITABLE FOR BATTERY POWERED USE (600
μA QUIESCENT CURRENT).
1% METAL FILM.
*
600
μs RC
21V
DALE
#TC-10-04
1013/14 TA10
5V Powered EEPROM Pulse Generator
TYPICAL APPLICATIO S


Similar Part No. - LT1013_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
   Dual Precision Op Amp
logo
Texas Instruments
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Precision Operational Amplifier
More results

Similar Description - LT1013_1

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
   Dual Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Linear Technology
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com