Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

Z0107SN Datasheet(PDF) 8 Page - STMicroelectronics

Part No. Z0107SN
Description  1A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0107SN Datasheet(HTML) 8 Page - STMicroelectronics

  Z0107SN Datasheet HTML 1Page - STMicroelectronics Z0107SN Datasheet HTML 2Page - STMicroelectronics Z0107SN Datasheet HTML 3Page - STMicroelectronics Z0107SN Datasheet HTML 4Page - STMicroelectronics Z0107SN Datasheet HTML 5Page - STMicroelectronics Z0107SN Datasheet HTML 6Page - STMicroelectronics Z0107SN Datasheet HTML 7Page - STMicroelectronics Z0107SN Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Packaging information
Z01
8/12
Doc ID 7474 Rev 10
3
Packaging information
Epoxy meets UL94, V0
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 15.
SOT-223 footprint dimensions (in millimeters)
Table 6.
SOT-223 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.80
0.071
A1
0.02
0.10
0.001 0.004
B
0.60
0.70
0.85
0.024 0.027 0.033
B1
2.90
3.00
3.15
0.114 0.118 0.124
c
0.24
0.26
0.35
0.009 0.010 0.014
D(1)
1.
Do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm (0.006inches)
6.30
6.50
6.70
0.248 0.256 0.264
e
2.3
0.090
e1
4.6
0.181
E(1)
3.30
3.50
3.70
0.130 0.138 0.146
H
6.70
7.00
7.30
0.264 0.276 0.287
V10° max
A
A1
e1
D
B1
H
E
e
12
4
3
B
V
c
3.25
1.32
7.80
5.16
1.32
2.30
0.95


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAC9D TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS 1  2  3  4  Motorola, Inc
BT134W Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
BT137B Triacs logic level 1  2  3  4  5  More NXP Semiconductors
BT138X Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
BTA208B Three quadrant triacs high commutation 1  2  3  4  NXP Semiconductors
BTA212B Three quadrant triacs guaranteed commutation 1  2  3  4  5  More NXP Semiconductors
BTA216X Three quadrant triacs high commutation 1  2  3  4  NXP Semiconductors
TIC266 SILICON TRIACS 1  2  3  4  5  Power Innovations Ltd
BTA40A STANDARD TRIACS 1  2  3  4  5  STMicroelectronics
T1235H 12A TRIACS 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn