Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EML5234 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part No. EML5234
Description  3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONNOR-WINFIELD [Connor-Winfield Corporation]
Homepage  http://www.conwin.com
Logo 

EML5234 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
Ec248
02/05/07
00
CRYSTAL CONTROLLED OSCILLATORS
2
2
E
D
1 2
E/D
N/C
Vcc = Vcc2 = 3.3Vdc
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
Test Circuit
Solder Profile
Package Outline
Pin Connections
Suggested Pad Layout
Output Waveform


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ASM51AA3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR 1 2 Connor-Winfield Corporation
EE94-51XG5-SSURFACE MOUNT 3.3V LVPECL CLOCK 1 2 Connor-Winfield Corporation
ACT9325miniature low profile Surface Mount package clock oscillator 1 2 3 Advanced Crystal Technology
EML3313LEADLESS SURFACE MOUNT 3.3V PECL CLOCK 1 2 Connor-Winfield Corporation
ACSA04-41SURKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
EML5113SURFACE MOUNT 3.3V PECL CLOCK 1 2 Connor-Winfield Corporation
EML5143SURFACE MOUNT 3.3V PECL CLOCK 1 2 Connor-Winfield Corporation
CMO33.3V 5x7mm Surface Mount Crystal Clock Oscillators 1 2 List of Unclassifed Manufacturers
EML5213SURFACE MOUNT 3.3V PECL CLOCK 1 2 Connor-Winfield Corporation
HSM613CRYSTAL CONTROLLED OSCILLATORS 3.3V Surface Mount 7.5mmx5mm Crystal Clock Oscillator 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn