Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ44V Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # IRFZ44V
Description  N-CHANNEL Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

IRFZ44V Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  IRFZ44V Datasheet HTML 1Page - Suntac Electronic Corp. IRFZ44V Datasheet HTML 2Page - Suntac Electronic Corp. IRFZ44V Datasheet HTML 3Page - Suntac Electronic Corp. IRFZ44V Datasheet HTML 4Page - Suntac Electronic Corp. IRFZ44V Datasheet HTML 5Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRFZ44V
N-CHANNEL Power MOSFET
Page 1
APPLICATION
FEATURES
DC motor control
UPS
Class D Amplifier
VDSS
RDS(ON)
ID
60V
16.5m
60A
Low ON Resistance
Low Gate Charge
Peak Current vs Pulse Width Curve
Inductive Switching Curves
PIN CONFIGURATION
SYMBOL
TO-220
Front View
1
23
D
S
G
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain to Source Voltage (Note 1)
VDSS
60
V
Drain to Current
Continuous Tc = 25
, VGS@10V
Continuous Tc = 100
, VGS@10V
Pulsed Tc = 25
, VGS@10V (Note 2)
ID
ID
IDM
60
43
241
A
Gate-to-Source Voltage
Continue
VGS
±20
V
Total Power Dissipation
Derating Factor above 25
PD
150
1.0
W
W/
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to 175
Single Pulse Avalanche Energy L=144µH,ID=40 Amps
EAS
500
mJ
Maximum Lead Temperature for Soldering Purposes
TL
300
Maximum Package Body for 10 seconds
TPKG
260
Pulsed Avalanche Rating
IAS
60
A
THERMAL RESISTANCE
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
R JC
Junction-to-case
1.0
/W
Water cooled heatsink, PD adjusted for a peak junction
temperature of +175
R JA
Junction-to-ambient
62
/W
1 cubic foot chamber, free air


Similar Part No. - IRFZ44V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44V IRF-IRFZ44V Datasheet
229Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=16.5mw, Id=55A)
logo
First Components Intern...
IRFZ44V FCI-IRFZ44V Datasheet
157Kb / 5P
   60A 60V N CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
IRFZ44V ISC-IRFZ44V Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFZ44VL IRF-IRFZ44VL Datasheet
145Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A)
IRFZ44VLPBF IRF-IRFZ44VLPBF Datasheet
216Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRFZ44V

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com